Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7536M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7536M
Description  Serially Controlled Electronic Volume Control that Handles High Voltages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7536M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7536M Datasheet HTML 1Page - Sanyo Semicon Device LC7536M Datasheet HTML 2Page - Sanyo Semicon Device LC7536M Datasheet HTML 3Page - Sanyo Semicon Device LC7536M Datasheet HTML 4Page - Sanyo Semicon Device LC7536M Datasheet HTML 5Page - Sanyo Semicon Device LC7536M Datasheet HTML 6Page - Sanyo Semicon Device LC7536M Datasheet HTML 7Page - Sanyo Semicon Device LC7536M Datasheet HTML 8Page - Sanyo Semicon Device LC7536M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No. 6089-2/10
LC7536M
Parameter
Symbol
Conditions
Ratings
Unit
VDD max
VEE ≤ VSS < VCC < VDD
VSS to VSS + 18
V
Maximum supply voltage
VEE max
VEE ≤ VSS < VCC < VDD
VSS – 18 to VSS
V
VCC max
VEE ≤ VSS < VCC < VDD
VSS to VSS + 7
V
VIN max1
CL, DI, CE
0 to VCC + 0.3
V
Maximum input voltage
VIN max2
L5dBIN, R5dBIN, L1dBIN, R1dBIN
VEE – 0.3 to VDD + 0.3
V
VIN max3
S
VCC – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 75°C
250
mW
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD
VDD
VCC + 4.5
16
V
Supply voltage
VEE
VEE
–16
0
V
VCC
VCC
4.5
5
5.5
V
High-level input voltage
VIH1
CL, DI, CE
0.8 VCC
VCC
V
VIH2
S
0.8
× (VDD – VCC) + VCC
VDD
V
Low-level input voltage
VIL1
CL, DI, CE
VSS
0.2 VCC
V
VIL2
S
VCC
0.2
× (VDD – VCC) + VCC
V
Input voltage amplitude
VIN
L5dBIN, R5dBIN, L1dBIN, R1dBIN
VEE
VDD
Vp-p
Input pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = –30 to +75°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
THD1
VIN = 1 Vrms, f = 1 kHz, all controls flat overall,
0.004
%
Total harmonic distortion
VDD – VEE = 32 V
THD2
VIN = 0.1 Vrms, f = 1 kHz, all controls flat overall,
0.02
%
VDD – VEE = 32 V
Crosstalk
CT
VIN = 1 Vrms, f = 1 kHz, VDD – VEE = 32 V,
–75
–60
dB
All controls flat overall, Rg = 1 k
Output at maximum attenuation
Vo min
VIN = 1 V rms, f = 20 kHz, volume control set at –∞,
–98
dB
VDD – VEE = 32 V
Output noise voltage
VN
All controls flat overall, Rg = 1 k
Ω, IHF–A,
2
10
µV
VDD – VEE = 32 V
Total resistance
Rvol1
The 5-dB step volume block
75
k
Rvol2
The 1-dB step volume block
20
k
L5dBIN, R5dBIN, LCT1, RCT1, LCT2, RCT2, L5dBOUT,
Output off leakage current
IOFF
R5dBOUT, L1dBIN, R1dBIN, L1dBOUT, R1dBOUT,
–10
+10
µA
LVM, RVM
High-level input current
IIH
CL, DI, CE, VIN = VCC
+10
µA
Low-level input current
IIL
CL, DI, CE, VIN = VSS
–10
µA
Current drain
IDD
VDD = 16 V
1
mA
ICC
VDD = 5.5 V
1
mA
Electrical Characteristics at Ta = 25°C, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com