Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7536M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC7536M
Description  Serially Controlled Electronic Volume Control that Handles High Voltages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7536M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC7536M Datasheet HTML 2Page - Sanyo Semicon Device LC7536M Datasheet HTML 3Page - Sanyo Semicon Device LC7536M Datasheet HTML 4Page - Sanyo Semicon Device LC7536M Datasheet HTML 5Page - Sanyo Semicon Device LC7536M Datasheet HTML 6Page - Sanyo Semicon Device LC7536M Datasheet HTML 7Page - Sanyo Semicon Device LC7536M Datasheet HTML 8Page - Sanyo Semicon Device LC7536M Datasheet HTML 9Page - Sanyo Semicon Device LC7536M Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Control System Timing and Data Format
To control the LC7536M, apply the stipulated data signals to the CL, DI, and CE pins. The data consists of 20 bits, of
which 4 bits are the address and 16 bits are the data.
No. 6089-7/10
LC7536M
A1
A2
A3
D0
D1
D2
D3
D4
D5
D6
D11
D12
D13
D14
D15
A0
DI
CE
CL
CE
CL
DI
1
µs
min
1
µs min
1
µs
min
1
µs
min
1
µs
min
1
µs ≤ TDST
A12005
A0
A1
A2
A3
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
0
1
0
0
0
1
0
0
0
0
0
0
–75 dB
D0 D1 D2 D3
–70 dB
–65 dB
1
1
0
0
–60 dB
0
0
1
0
–55 dB
1
0
1
0
–50 dB
0
1
1
0
–45 dB
1
1
1
0
–40 dB
0
0
0
1
–35 dB
1
0
0
1
–30 dB
0
1
0
1
–25 dB
1
1
0
1
–20 dB
0
0
1
1
–15 dB
1
0
1
1
–10 dB
0
1
1
1
–5 dB
1
1
1
1
0 dB
0
0
1
0
1
1
0
0
0
D4 D5 D6
–4 dB
–3 dB
0
0
1
–2 dB
1
0
1
–1 dB
0
1
1
0 dB
1
0
0
0
0
0
1
1
VDD
A0 A1 A2 A3
VCC
Don’t care
Address code
S pin
Right channel 5-dB step control
Set state
Right channel 1-dB step control
Set state
Loudness control
1: On
0: Off
Left channel 5-dB step control
(Identical to the right channel)
Don’t care
Left channel 1-dB step control
(Identical to the right channel)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com