Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K53P144M100SF2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # K53P144M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K53P144M100SF2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button K53P144M100SF2 Datasheet HTML 17Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 18Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 19Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 20Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 21Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 22Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 23Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 24Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
4. 15pF load
5.3 Thermal specifications
5.3.1 Thermal operating requirements
Table 9. Thermal operating requirements
Symbol
Description
Min.
Max.
Unit
TJ
Die junction temperature
–40
125
°C
TA
Ambient temperature
–40
85
°C
5.3.2 Thermal attributes
Board
type
Symbol
Description
144
LQFP
144
MAPBGA
Unit
Notes
Single-
layer (1s)
RθJA
Thermal resistance, junction to ambient (natural
convection)
52
50
°C/W
1
Four-layer
(2s2p)
RθJA
Thermal resistance, junction to ambient (natural
convection)
44
30
°C/W
1
Single-
layer (1s)
RθJMA
Thermal resistance, junction to ambient (200 ft./
min. air speed)
43
41
°C/W
1
Four-layer
(2s2p)
RθJMA
Thermal resistance, junction to ambient (200 ft./
min. air speed)
38
27
°C/W
1
—
RθJB
Thermal resistance, junction to board
33
17
°C/W
2
—
RθJC
Thermal resistance, junction to case
11
10
°C/W
3
—
ΨJT
Thermal characterization parameter, junction to
package top outside center (natural convection)
2
2
°C/W
4
1.
Determined according to JEDEC Standard JESD51-2, Integrated Circuits Thermal Test Method Environmental
Conditions—Natural Convection (Still Air), or EIA/JEDEC Standard JESD51-6, Integrated Circuit Thermal Test Method
Environmental Conditions—Forced Convection (Moving Air).
6 Peripheral operating requirements and behaviors
All digital I/O switching characteristics assume:
1. output pins
• have CL=30pF loads,
• are configured for fast slew rate (PORTx_PCRn[SRE]=0), and
• are configured for high drive strength (PORTx_PCRn[DSE]=1)
Peripheral operating requirements and behaviors
K53 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
Freescale Semiconductor, Inc.
Preliminary
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com