Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K53P144M100SF2 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # K53P144M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K53P144M100SF2 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button K53P144M100SF2 Datasheet HTML 69Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 70Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 71Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 72Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 73Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 74Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 75Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 76Page - Freescale Semiconductor, Inc K53P144M100SF2 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
144
LQF
P
144
MAP
BGA
Pin Name
Default
ALT0
ALT1
ALT2
ALT3
ALT4
ALT5
ALT6
ALT7
EzPort
60
K8 PTA8
ADC0_SE1
1
ADC0_SE1
1
PTA8
FTM1_CH0
FB_AD17
FTM1_QD_
PHA
TRACE_D2
61
L8
PTA9
DISABLED
PTA9
FTM1_CH1 MII0_RXD3 FB_AD16
FTM1_QD_
PHB
TRACE_D1
62
M9 PTA10
DISABLED
PTA10
FTM2_CH0 MII0_RXD2 FB_AD15
FTM2_QD_
PHA
TRACE_D0
63
L9
PTA11
DISABLED
PTA11
FTM2_CH1 MII0_RXCL
K
FB_OE_b
FTM2_QD_
PHB
64
K9 PTA12
CMP2_IN0
CMP2_IN0
PTA12
FTM1_CH0 RMII0_RXD
1/
MII0_RXD1
FB_CS5_b/
FB_TSIZ1/
FB_BE23_1
6_BLS15_8
_b
I2S0_TXD
FTM1_QD_
PHA
65
J9
PTA13
CMP2_IN1
CMP2_IN1
PTA13
FTM1_CH1 RMII0_RXD
0/
MII0_RXD0
FB_CS4_b/
FB_TSIZ0/
FB_BE31_2
4_BLS7_0_
b
I2S0_TX_F
S
FTM1_QD_
PHB
66
L10 PTA14
DISABLED
PTA14
SPI0_PCS0 UART0_TX RMII0_CRS
_DV/
MII0_RXDV
FB_AD31
I2S0_TX_B
CLK
67
L11 PTA15
DISABLED
PTA15
SPI0_SCK
UART0_RX RMII0_TXE
N/
MII0_TXEN
FB_AD30
I2S0_RXD
68
K10 PTA16
DISABLED
PTA16
SPI0_SOUT UART0_CT
S_b
RMII0_TXD
0/
MII0_TXD0
FB_AD29
I2S0_RX_F
S
69
K11 PTA17
ADC1_SE1
7
ADC1_SE1
7
PTA17
SPI0_SIN
UART0_RT
S_b
RMII0_TXD
1/
MII0_TXD1
FB_AD28
I2S0_MCLK I2S0_CLKIN
70
E8 VDD
VDD
VDD
71
G8 VSS
VSS
VSS
72
M12 PTA18
EXTAL
EXTAL
PTA18
FTM0_FLT2 FTM_CLKIN
0
73
M11 PTA19
XTAL
XTAL
PTA19
FTM1_FLT0 FTM_CLKIN
1
LPT0_ALT1
74
L12 RESET_b
RESET_b
RESET_b
75
K12 PTA24
DISABLED
PTA24
MII0_TXD2 FB_AD14
76
J12 PTA25
DISABLED
PTA25
MII0_TXCL
K
FB_AD13
77
J11 PTA26
DISABLED
PTA26
MII0_TXD3 FB_AD12
78
J10 PTA27
DISABLED
PTA27
MII0_CRS
FB_AD11
79
H12 PTA28
DISABLED
PTA28
MII0_TXER FB_AD10
80
H11 PTA29
DISABLED
PTA29
MII0_COL
FB_AD19
81
H10 PTB0
LCD_P0/
ADC0_SE8/
ADC1_SE8/
TSI0_CH0
LCD_P0/
ADC0_SE8/
ADC1_SE8/
TSI0_CH0
PTB0
I2C0_SCL
FTM1_CH0 RMII0_MDI
O/
MII0_MDIO
FTM1_QD_
PHA
LCD_P0
Pinout
K53 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
Freescale Semiconductor, Inc.
Preliminary
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com