Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33810 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33810
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CURRENT SENSE COMPARATOR (RSP, RSN) (CONTINUED)
MAXI Trip Threshold Accuracy
Steady State Condition
6.0 A across 0.02
Ω (RSP - RSN = 120 mV)
21 A across 0.04
Ω (RSP - RSN = 840 mV)
MAXITRIPTA
-7.5
–
7.5
%
MAXI Trip Point During Overlapping Dwell
MAXITRIPOD
-35
–
+35
%
Input Bias Current
RSP and RSN
IBIASRSX
-50
–
50
µA
Comparator Hysteresis Voltage
NOMI
MAXI
NOMIHYS
MAXIIHYS
40
40
–
–
70
70
% of VT
Input Voltage Range (Maximum voltage between RSN and RSP)(12)
VCMVRCMVR
0.0
–
2.0
V
Ground Offset Voltage Range(12)
Maximum offset between RSN pin and IC Ground (Exposed Pad)
VGNDOVR
-0.3
–
0.3
V
GENERAL PURPOSE GATE DRIVER PARAMETERS (GD 0:3)
Gate Drive Sink and Source Current
IGD
1.0
2.0
5
mA
Gate Drive Output Voltage
IGD = 1.0 mA
IGD = -1.0 mA
VGS(ON)
VGS(OFF)
4.8
0.0
7.0
0.2
9.0
0.5
V
V
Short to Battery Fault Detection Voltage Threshold
VDD = 5.0 V, Outputs Programmed ON
Programmable from 0.5 to 3.0 V in 0.5 V increments. (Table 14)
VDS(FLT-TH)
-35%
+35%
V
Open Fault Detection Voltage Threshold (referenced to IC ground tab)
VDD = 5.0 V, Outputs Programmed OFF
VDS(FLT-TH)
2.0
2.5
3.0
V
Output OFF Open Load Detection Current
FBx = 18 V, Outputs Programmed OFF
IFBX(FLT-SNS)
50
75
120
μA
Output Clamp Voltage
Driver Command Off, Clamp Enabled, VGATE = 2.0 V
VOC
48
53
58
V
DIGITAL INTERFACE
Input Logic High-voltage Thresholds
VIH
0.7 x VDD
–
VDD + 0.3
V
Input Logic Low-voltage Thresholds
VIL
GND - 0.3
–
0.2 x VDD
V
Input Logic-voltage Hysteresis
VHYS
100
–
400
mV
Input Logic Capacitance
CIN
–
–
20
pF
Sleep Mode Input Logic Current
VDD = 0 V
ILOGIC_SS
-10
–
10
μA
Input Logic Pull-down Current
0.8 to 5.0 V (DINX and GINX)
ILOGIC_PD
30
50
100
μA
Notes
12.
This parameter is guaranteed by design, however it is not production tested.
Table 3. Static Electrical Characteristics
Characteristics noted under conditions of 3.0 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 32 V, -40°C ≤ TC ≤ 125°C, and calibrated
timers, unless otherwise noted. Where typical values reflect the parameter’s approx. average value with VPWR = 13 V, TA =
25
°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com