Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33810 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33810 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ENGINE CONTROL
33810
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ33810EK/R2
-40°C to 125°C
32 SOICW-EP
Document Number: MC33810
Rev. 7.0, 7/2010
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006 - 2010. All rights reserved.
Automotive Engine Control IC
The 33810 is an eight channel output driver IC intended for
automotive engine control applications. The IC consists of four
integrated low side drivers and four low side gate pre-drivers. The low
side drivers are suitable for driving fuel injectors, solenoids, lamps,
and relays. The four gate pre-drivers can function either as ignition
IGBT gate pre-drivers or as general purpose MOSFET gate pre-
drivers.
When configured as ignition IGBT gate pre-drivers, additional
features are enabled such as spark duration, dwell time, and ignition
coil current sense. When configured as a general purpose gate pre-
driver, the 33810 provides external MOSFETs with short circuit
protection, inductive flyback protection and diagnostics. The device is
packaged in a 32 pin (0.65mm pitch) exposed pad SOIC.
Features
• Designed to operate over the range of 4.5V
≤ VPWR ≤ 36V
• Quad ignition IGBT or MOSFET gate pre-driver with Parallel/SPI
and/or PWM control
• Quad injector driver with Parallel/SPI control
• Interfaces directly to MCU using 3.3V/5.0V SPI protocol
• Injector driver current limit - 4.5A max.
• Independent fault protection and diagnostics
• VPWR standby current 10
μA max.
• Pb-free packaging designated by suffix code EK
VPWR
VDD
SI
SCLK
CS
SO
DIN0
DIN3
GIN0
OUT EN
SPKDUR
NOMI
MAXI
OUT0
OUT1
OUT2
OUT3
GND
FB0
GD0
FB1
GD1
FB2
GD2
FB3
GD3
RSP
RSN
MOSI
SCLK
MISO
ETPU
ETPU
GPIO
ETPU
ETPU
ETPU
MCU
33810
VBAT
VBAT
VBAT
VBAT
VBAT
VBAT
VBAT
VBAT
CS
ETPU
GIN3
ETPU
VDD
VBAT
Figure 1. MC33810 Simplified Application Diagram
EK SUFFIX (Pb-FREE)
98ASA10556D
32 PIN SOICW EP


Similar Part No. - 33810

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33810 FREESCALE-33810 Datasheet
1Mb / 37P
Automotive Engine Control IC Quad injector driver with Parallel/SPI control
33810 FREESCALE-33810_11 Datasheet
1Mb / 37P
Automotive Engine Control IC Quad injector driver with Parallel/SPI control
More results

Similar Description - 33810

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
Automotive Engine Control IC
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
Automotive Engine Control
FDBL86361_F085 FAIRCHILD-FDBL86361_F085 Datasheet
401Kb / 6P
Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
Automotive Engine Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com