| Electronic Components Datasheet Search |
|
33874 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33874 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 38 page ![]() Analog Integrated Circuit Device Data 30 Freescale Semiconductor 33874 TYPICAL APPLICATION DIAGNOSIS WITHOUT MCU When any fault appears (over-current, open load…), a full diagnosis can be reported via the SPI. Without an MCU, the fault status pin allows reduced diagnosis, as illustrated in table 3. We can note that it is not possible to distinguish over temperature, over-current, under-voltage, and over-voltage. Nevertheless, Open load and short-circuit to VPWR fault can be singled out. All protections are reported to Fault status pin (FS), Open load and short-circuit to VPWR are reported only if the Output is OFF. If the fault is latched, the output must be turned OFF then ON to disable the fault. CONCLUSION Although the MC33874 is not fully functional without a microcontroller to control and program it, standalone functioning is safe because all protections are available. Diagnosis is limited, but the fault status pin will report any malfunction. This is a good way to evaluate the main electrical MC33874 features. Some simplified applications can also use the MC33874 switch without an MCU to drive a high power load with full protection. Table 3. Diagnosis without SPI IN[x] level HS[x] level FS level Latched Normal operation H H H N/A L L H Over-temperature L L L YES H L L Under-voltage L L L YES H L L Over-voltage L L H NO H L L Over-current L L H YES H L L Short-circuit to VPWR L H L NO H H H Open load L Z L NO H H H H : High Level, L : Low Level, Z : High-impedance, potential depends on the external circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |