Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33899 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 26Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33899
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
SPI INTERFACE AND REGISTER DESCRIPTION
SPI Control Register Definition
An 8-bit SPI allows the system microprocessor to clear the
Fault register, select a programmable current limit, and select
a 1X, 2X, or 4X slew rate. The SPI Control Register bit
definitions are shown in Table 8.
Note At POR, all bits in the register are cleared to 0s.
SPI Fault Register Definition
The fault diagnostic capability consists of one internal 8-bit
Fault register. Table 9 shows the content of the Fault register.
The output load status of the H-Bridge circuit is reported via
the output DO SPI bits. In addition to output fault information,
die temperature warnings and over-temperature conditions
are reported.
An SPI read cycle is limited by a CS logic [1] to logic [0]
transition, followed by 8 SCLK cycles to shift the fault register
bits out the DO pin. The rising edge of CS sets DO in a high-
impedance mode and clears the fault latches if the FLTCLR
bit is set. The thermal fault is immediately set again if the fault
condition is still present. Accurate fault reporting can only be
obtained by reading the DO line at intervals greater than the
fault timer. A thermal fault will be latched as soon as it occurs.
Note: At POR, all bits in the register are cleared to 0s.
Table 8. SPI Control Register Bit Definitions
8 (MSB)
7
6
5
4
3
2
1 (LSB)
FLTCLR
Not Used
Not Used
Not Used
Current Limit
Current Limit
Slew Time
Slew Time
Bit 8: FLTCLR: 0 = Retain faults; 1 = Clear faults
Bit 7: Not used
Bit 6: Not used
Bit 5: Not used
Bits 4–3: Set Low Side Current Comparator Limits
00 = 4.0A
01 = 5.0A
10 = 6.0A
11 = 8.5A
Bits 2–1: Slew Time
00 = 1X
01 = 2X
10 = 4X
11 = 4X
Table 9. SPI Fault Register Bit Definitions
8 (MSB)
7
6
5
4
3
2
1 (LSB)
ShVIGNP
ShGnd
Open Fault
Over-voltage or
Under-voltage
LS Comparator
EN1, EN2
Status
Die Temp
Die Temp
Bit 8: Short to VIGNP: 0 = No fault; 1 = S1 or S0 shorted to VIGNP (Low Side Linear Current Limit has tripped)
Bit 7: Short to Ground: 0 = No fault; 1 = S1 or S0 shorted to GND (High Side Linear Current Limit has tripped)
Bit 6: Open Fault: 0 = No fault; 1 = S1 or S0 is Open Circuited
Bit 5: Over-voltage or Under-voltage: 0 = No fault; 1 = Over-voltage/under-voltage fault
Bit 4: Low Side Comparator: 0 = No trip; 1 = Tripped
Bit 3: XOR function of EN1, EN2 inputs. 0 = (EN1 same logic level as EN2). 1 = (EN1 not same logic level as EN2).
Bits 2–1: Die Temperature
00 = T < 140
°C
01 = 140
°C < T < Over-temperature Shutdown
10 = Not Defined
11 = Over-temperature Shutdown (Latched Off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com