Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33899 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33899
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONTROL INPUTS (CONTINUED)
Input Leakage Current—Digital Inputs
SCLK, DI: VIN = 0 V
IIN
-5.0
–
5.0
μA
Input Bias Current
EN1, EN2, FWD, REV, PWM: VIN = 5.0 V
CS
: VIN = 0 V
IDWN
IUP
27
-70
–
–
70
-27
μA
DATA OUTPUT
Data Output Low Voltage
IOL = 1.6 mA
VDO_OL
–
–
0.4
V
Data Output High Voltage
IOH = -800 μA
VDO_OH
VDDQ - 0.5
–
–
V
Data Out Tri-state Leakage
ILEAK
-5.0
–
5.0
μA
POWER OUTPUT
Breakdown Voltage
S0, S1, VIGNP: I = 20 mA
VBVDSS
40
–
–
V
ON-Resistance (Each Output FET)
IOUT = 3.5 A, VIGNP = 6.0 V
RDS(ON)
–
–
165
m
Ω
Body Diode Forward Voltage (All 4 Output Diodes)(6)
ENx = 0 V, IOUT = 3.0 A, TJ = 150°C
ENx = 0 V, IOUT = 3.0 A, TJ = 23°C
ENx = 0 V, IOUT = 3.0 A, TJ = -40°C
VF
–
–
–
–
–
–
1.0
1.4
1.8
V
OFF-State Output Bias
VCC = 5.0 V, EN1 = EN2 = 0 V, S0 Shorted to S1 (Through Motor)
VBIAS
0.2 VCC
–
0.6 VCC
V
OFF-state Output Leakage (between SO and S1)
VCC = 0 V, EN1 = EN2 = 0 V, RL = 600 Ω, VIGN = 16 V
VCC = 5.0 V, EN1 = EN2 = 0 V, RL = 600 Ω, VIGN = 18 V
ILEAK
–
–
–
–
100
100
μA
Fault Threshold (OFF State) (EN1 = EN2 = 0V)
Measured at S1
Measured at S0
VFAULT_THR1
VFAULT_THR2
0.45 VCC
0.15 VCC
–
–
0.60 VCC
0.35 VCC
V
CURRENT SENSE
Current Sense Zero
FWD = 5.0 V, REV = 0 V; Then FWD = 0 V, REV = 5.0 V, IS1/S0 = 0 A
ICSZ
–
–
0.2
mA
Current Sense Ratio: kCSNS = IS1/S0 / ICS
(FWD = 5.0 V, REV = 0 V; and FWD = 0 V, REV = 5.0 V)
IS1/S0 = -0.4 A
IS1/S0 = -1.6 A
IS1/S0 = -6.0 A
(7)
kCSNS
kCSNS
kCSNS
250
340
–
–
–
400
500
435
–
Table 3. Static Electrical Characteristics (continued)
Characteristics at -40
°C ≤ TJ ≤ +150°C, 4.75 V ≤ VCC ≤ 5.25 V, 3.14 V ≤ VCCL ≤ 3.47 V, 2.97 V ≤ VDDQ ≤ 5.25 V,
6.0 V
≤ VIGNP ≤ 26.5 V, unless otherwise noted. Typical values reflect the approximate parameter means at TA = 25°C under
nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com