Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5643L Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  High-performance e200z4d dual core
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC5643L_11 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
80
Figure 4. BCP68 board schematic example
NOTE
The combined ESR of the capacitors used on 1.2 V pins (V1V2 in the picture) shall be in
the range of 30 mto 150 m. The minimum value of the ESR is constrained by the
resonance caused by the external components, bonding inductance, and internal
decoupling. The minimum ESR is required to avoid the resonance and make the regulator
stable.
—
SR
Supply ramp rate
—
3—
0.5 ×106
V/s
—
D
LVD_MAIN: Time
constant of RC filter at
LVD input
3.3V noise rejection at the
input of
LVD comparator
1.1
—
—
µs
—
D
HVD_DIG: Time constant
of RC filter at LVD input
1.2V noise rejection at the
input of
LVD comparator
0.1
—
—
µs
—
D
LVD_DIG: Time constant
of RC filter at LVD input
1.2V noise rejection at the
input of
LVD comparator
0.1
—
—
µs
Table 16. Voltage regulator electrical specifications (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BCRTL
Cext
Cint
Rb
Lb
Rs
V1V2 ring on board
VDD
V1V2 pin
ESR
Cv1v2
MPC5643L
BCP68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com