Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5643L Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  High-performance e200z4d dual core
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC5643L_11 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 124 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
18
1.6.32
Sine Wave Generator (SWG)
A digital-to-analog converter is available to generate a sine wave based on 32 stored values for external devices (ex: resolver).
•
Frequency range from 1 kHz to 50 kHz
•
Sine wave amplitude from 0.47 V to 2.26 V
1.6.33
Analog-to-Digital Converter module (ADC)
The ADC module features include:
Analog part:
•
2 on-chip ADCs
— 12-bit resolution SAR architecture
— Same digital interface as in the MPC5604P family
— A/D Channels: 9 external, 3 internal and 4 shared with other A/D (total 16 channels)
— One channel dedicated to each T-sensor to enable temperature reading during application
— Separated reference for each ADC
— Shared analog supply voltage for both ADCs
— One sample and hold unit per ADC
— Adjustable sampling and conversion time
Digital part:
•
4 analog watchdogs comparing ADC results against predefined levels (low, high, range) before results are stored in
the appropriate ADC result location
•
2 modes of operation: Motor Control Mode or Regular Mode
•
Regular mode features
— Register based interface with the CPU: one result register per channel
— ADC state machine managing three request flows: regular command, hardware injected command, software
injected command
— Selectable priority between software and hardware injected commands
— 4 analog watchdogs comparing ADC results against predefined levels (low, high, range)
— DMA compatible interface
•
CTU mode features
— Triggered mode only
— 4 independent result queues (1
 16 entries, 2  8 entries, 1  4 entries)
— Result alignment circuitry (left justified; right justified)
— 32-bit read mode allows to have channel ID on one of the 16-bit parts
— DMA compatible interfaces
•
Built-in self-test features triggered by software
1.6.34
Cross Triggering Unit (CTU)
The ADC cross triggering unit allows automatic generation of ADC conversion requests on user selected conditions without
CPU load during the PWM period and with minimized CPU load for dynamic configuration.
The CTU implements the following features:
•
Cross triggering between ADC, FlexPWM, eTimer, and external pins
•
Double buffered trigger generation unit with as many as 8 independent triggers generated from external triggers
•
Maximum operating frequency less than or equal to 120 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com