Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75421 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 10Page - Sanyo Semicon Device LC75421 Datasheet HTML 11Page - Sanyo Semicon Device LC75421 Datasheet HTML 12Page - Sanyo Semicon Device LC75421 Datasheet HTML 13Page - Sanyo Semicon Device LC75421 Datasheet HTML 14Page - Sanyo Semicon Device LC75421 Datasheet HTML 15Page - Sanyo Semicon Device LC75421 Datasheet HTML 16Page - Sanyo Semicon Device LC75421 Datasheet HTML 17Page - Sanyo Semicon Device LC75421 Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
No. 6866-14/24
LC75421M
Fader Volume Block Equivalent Circuit Diagram
LFIN
S1
S2
0 dB
26.342 k
4.866 k
50 k
18.792 k
+6.5 dB
+8.5 dB
0 dB
26.342 k
4.866 k
50 k
18.792 k
Same for right channel
Unit: (Resistance:
Ω)
When FADER = “1”, S2 and S3 are ON
When FADER = “0”, S1 and S4 are ON
Total = 50 k
+6.5 dB
+8.5 dB
S4
S3
LFOUT
LROUT
LVref
When –
∞ data is sent to the main volume, S1 and S2 become open, and S3 and S4 simultaneously become ON.
10.284 k
8.169 k
6.489 k
5.154 k
4.094 k
3.252 k
2.583 k
2.052 k
1.630 k
1.295 k
2.188 k
1.923 k
0.608 k
0.231 k
0.050 k
0 dB
–2 dB
–4 dB
–6 dB
–8 dB
–10 dB
–12 dB
–14 dB
–16 dB
–18 dB
–20 dB
–25 dB
–35 dB
–45 dB
–60 dB
–
∞ dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com