Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75421 Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 15Page - Sanyo Semicon Device LC75421 Datasheet HTML 16Page - Sanyo Semicon Device LC75421 Datasheet HTML 17Page - Sanyo Semicon Device LC75421 Datasheet HTML 18Page - Sanyo Semicon Device LC75421 Datasheet HTML 19Page - Sanyo Semicon Device LC75421 Datasheet HTML 20Page - Sanyo Semicon Device LC75421 Datasheet HTML 21Page - Sanyo Semicon Device LC75421 Datasheet HTML 22Page - Sanyo Semicon Device LC75421 Datasheet HTML 23Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
No. 6866-19/24
LC75421M
• Calculation example 2
Specification Mean frequency: f0 = 40 Hz
Gain during maximum boost: G = 12 dB
Let us use R1 = 0 k
Ω, R2 = 45.054 kΩ, C1 = 2.2 uF, and C1 >> C2.
We obtain R3 from G = 12 dB.
We obtain C2 from mean frequency f0 = 40 Hz.
G
+12 dB
= 20 × LOG
10
R2
+ R3
R3
R3
=
R2
10G/20 –1
45054
3.98 – 1
=
≠ 15 KΩ
f 0
=
R3R2C1C2
1
2
π
C2
=
=
1
(2
πf0)2 R2R3C1
1
(2
π × 40)2 × 45054 × 15000 × (2.2 × 10–6)
≠ 0.01 µF
Setting
f = 100 Hz
f = 1 kHz
14 dB
11.73
4.27
12 dB
10.29
4.07
10 dB
8.74
3.78
8 dB
7.11
3.38
6 dB
5.41
2.82
4 dB
3.65
2.09
2 dB
1.85
1.15
Simulation Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com