Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T92 Datasheet(PDF) 1 Page - Tyco Electronics

Part # T92
Description  2 pole 30 A, 2 CO or 2 NO contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T92 Datasheet(HTML) 1 Page - Tyco Electronics

  T92 Datasheet HTML 1Page - Tyco Electronics T92 Datasheet HTML 2Page - Tyco Electronics T92 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Power Relay T92
n 2 pole 30 A, 2 CO or 2 NO contacts
n High switching capacity up 30 A / 400 VAC
n DC- or AC coil
n 4 kV / 8 mm coil-contact
n Insulation to VDE 0631 and VDE 0700
n PCB- or quick connect terminals or chassis mount
n Adapter for DIN-rail mounting
Applications
Power supplies, heating & ventilation, control equipment
T92_group
Approvals
V REG.-Nr. 5386, U E22575, C LR15734
Technical data of approved types on request
Contact data
Contact configuration
2 NO contacts
2 CO contacts
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
400 / 600 VAC
Rated current
NO contact (PCB / flange mount)
30 / 20 A
30 / 20 A
NC contact
3 A
Maximum breaking capacity AC, NO / NC contact
12 kVA
12 / 1.2 kVA
Contact material
AgCdO
Minimum contact load
500mA, 12V
Rated frequency of operation with / without load
7 min-1 / 300 min-1
Operate- / release time (including bounce)
25 / 25 ms
Contact ratings
Type
ContactLoad
Ambient
Cycles
temp. [°C]
UL 508
T92 AgCdO, DC coil
CO
30 A / 3 A 277 VAC, resistive
25°C
250x103
T92 AgCdO, AC coil
CO
30 A / 3 A 277 VAC, resistive
25°C
100x103
T92 AgCdO
CO
30 A / 3 A 277 VAC, gen. purp. 25°C
100x103
T92 AgCdO
CO
20 A / 3 A 28 VDC, resisitive
25°C
100x103
IEC 61810
T92 AgCdO, PCB, DC coil
CO
30 A/ 3 A, 400 VAC, cos
ϕ=1
85°C
30x103
T92 AgCdO, PCB, AC coil
CO
30 A/ 3 A, 400 VAC, cos
ϕ=1
65°C
30x103
T92 AgCdO, flange, DC coil
CO
20 A/ 3 A, 400 VAC, cos
ϕ=1
85°C
30x103
T92 AgCdO, flange, AC coil
CO
20 A/ 3 A, 400 VAC, cos
ϕ=1
65°C
30x103
T92 AgCdO, PCB, DC coil
NO
30 A 400 VAC, cos
ϕ=1
85°C
100x103
T92 AgCdO, PCB, AC coil
NO
30 A 400 VAC, cos
ϕ=1
65°C
100x103
T92 AgCdO, flange, DC coil
NO
20 A 400 VAC, cos
ϕ=1
85°C
100x103
T92 AgCdO, flange, AC coil
NO
20 A 400 VAC, cos
ϕ=1
65°C
100x103
Coil data
Rated coil voltage range DC coil
5...110 VDC
AC coil
24...240 VAC
Operative range to IEC 61810
1


Similar Part No. - T92

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
March 2001
logo
DB Lectro Inc
T92 DBLECTRO-T92 Datasheet
178Kb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
Meets requirements of UL Class F construction
T92 TEC-T92 Datasheet
789Kb / 5P
T92 Series Two-pole Power Relay
logo
Infineon Technologies A...
T920N INFINEON-T920N Datasheet
247Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-12-08 revision:3.1
More results

Similar Description - T92

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6765 SCHURTER-6765 Datasheet
453Kb / 4P
IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
logo
Tyco Electronics
T9A MACOM-T9A Datasheet
242Kb / 3P
1 pole 30 A, 1 NO or 1 CO contact
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
List of Unclassifed Man...
PT570615 ETC2-PT570615 Datasheet
721Kb / 4P
2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
RM737012 ETC2-RM737012 Datasheet
487Kb / 4P
2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
Schurter Inc.
DD14 SCHURTER-DD14 Datasheet
857Kb / 8P
IEC Appliance Inlet C14 with Filter 2-Stages, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD14 SCHURTER-DD14_V01 Datasheet
865Kb / 8P
IEC Appliance Inlet C14 with Filter 2-Stages, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
KM00120511 SCHURTER-KM00120511_V01 Datasheet
401Kb / 5P
IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com