Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T92 Datasheet(PDF) 2 Page - Tyco Electronics

Part # T92
Description  2 pole 30 A, 2 CO or 2 NO contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T92 Datasheet(HTML) 2 Page - Tyco Electronics

  T92 Datasheet HTML 1Page - Tyco Electronics T92 Datasheet HTML 2Page - Tyco Electronics T92 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Power Relay T92 (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
PCB version
S0262-AA
S0262-AI
Dimensions
PCB version
S0292-A
Only necessary terminals are present on 2 NO
models.
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
12
12
9.0
1.2
86
+10%
1674
24
24
18.0
2.4
350
+10%
1646
48
48
36.0
4.8
1390
+10%
1658
110
110
83.0
11.0
7255
+10%
1668
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Coil versions, AC-coil 50 / 60 Hz
Coil
Rated
Frequ.
Operate
Release
DC-coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
Hz
VAC
VAC
Ohm
VA
24
24
60
19.2
2.4
37
+10%
4
120
110 / 120
50 / 60
96.0
12.0
950
+10%
4
240
220 / 240
50 / 60
192.0
24.0
3800
+10%
4
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Insulation
Insulation resistance coil-contact circuit
< 109 Ohms
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2000 Vrms
Clearance / creepage coil-contact circuit
W 5.5 / 8 mm
Tracking index of relay base
PTI 250
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
basic
open contact circuit
micro disconnection
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
250 V
Overvoltage category
III
Other data
Mechanical endurance
>5x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant per product date code 0509
Environment
Ambient temperature range DC-coil
-40...+85°C
AC-coil
-40...+65°C
Vibration resistance (function) NO / NC contact 1.65 mm, 10...55 Hz
Shock resistance (function) NO / NC contact
10 g, 11 ms half sine
Shock resistance (destruction)
100 g, 11 ms half sine
Category of protection
RT I (dust protected)
RT III (wash tight)
Processing
Relay weight
86 g
Packaging unit
30 pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com