Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C36 Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # CY8C36
Description  Programmable System-on-Chip (PSoC짰)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C36 Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button CY8C36 Datasheet HTML 69Page - Cypress Semiconductor CY8C36 Datasheet HTML 70Page - Cypress Semiconductor CY8C36 Datasheet HTML 71Page - Cypress Semiconductor CY8C36 Datasheet HTML 72Page - Cypress Semiconductor CY8C36 Datasheet HTML 73Page - Cypress Semiconductor CY8C36 Datasheet HTML 74Page - Cypress Semiconductor CY8C36 Datasheet HTML 75Page - Cypress Semiconductor CY8C36 Datasheet HTML 76Page - Cypress Semiconductor CY8C36 Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
PRELIMINARY
PSoC® 3: CY8C36 Family Datasheet
Document Number: 001-53413 Rev. *I
Page 73 of 112
11.5.2 Delta-Sigma ADC
Unless otherwise specified, operating conditions are:
Operation in continuous sample mode
fclk = 6.144 MHz
Reference = 1.024 V internal reference bypassed on P3.2 or P0.3
Unless otherwise specified, all charts and graphs show typical values
Table 11-12. 12-bit Delta-sigma ADC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
8
–
12
bits
Number of channels, single ended
–
–
No. of
GPIO
–
Number of channels, differential
Differential pair is formed using a
pair of GPIOs.
––
No. of
GPIO/2
–
Monotonic
Yes
–
–
–
–
Ge
Gain error
Buffered, buffer gain = 1,
modulator gain = 1, 25 °C
––
±0.2
%
Gd
Gain drift
Buffered, buffer gain = 1,
modulator gain = 1
–
–
50
ppm/°C
Vos
Input offset voltage
Buffered
–
–
±0.1
mV
TCVos
Temperature coefficient, input offset
voltage
Buffered
–
–
55
µV/°C
Input voltage range, single ended[38]
VSSA
–VDDA
V
Input voltage range, differential unbuf-
fered[38]
VSSA
–VDDA
V
Input voltage range, differential,
buffered[38]
VSSA
–VDDA – 1
V
INL12
Integral non linearity[38]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
DNL12
Differential non linearity[38]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
INL8
Integral non linearity[38]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
DNL8
Differential non linearity[38]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
Rin_Buff
ADC input resistance
Input buffer used
10
–
–
M
Ω
Rin_ADC12 ADC input resistance
Input buffer bypassed, 12 bit, Range
= ±1.024 V
–148[39]
–k
Ω
Cin_G1
ADC input capacitance[38]
Gain = 1
–
5
–
pF
Vextref
ADC external reference input voltage, see
also internal reference in Voltage
Reference on page 75
Pins P0[3], P3[2]
0.9
–
1.3
V
Current Consumption
IDD_12
Current consumption, 12 bit[38]
192 ksps, unbuffered
–
–
1.4
mA
IBUFF
Buffer current consumption[38]
––
2.5
mA
Notes
38. Based on device characterization (not production tested).
39. By using switched capacitors at the ADC input an effective input resistance is created. Holding the gain and number of bits constant, the resistance is proportional to
the inverse of the clock frequency. This value is calculated, not measured. For more information see the Technical Reference Manual.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com