Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C36 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY8C36
Description  Programmable System-on-Chip (PSoC짰)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C36 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY8C36 Datasheet HTML 17Page - Cypress Semiconductor CY8C36 Datasheet HTML 18Page - Cypress Semiconductor CY8C36 Datasheet HTML 19Page - Cypress Semiconductor CY8C36 Datasheet HTML 20Page - Cypress Semiconductor CY8C36 Datasheet HTML 21Page - Cypress Semiconductor CY8C36 Datasheet HTML 22Page - Cypress Semiconductor CY8C36 Datasheet HTML 23Page - Cypress Semiconductor CY8C36 Datasheet HTML 24Page - Cypress Semiconductor CY8C36 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
PRELIMINARY
PSoC® 3: CY8C36 Family Datasheet
Document Number: 001-53413 Rev. *I
Page 21 of 112
5.6.3.1 xdata Space
The 8051 xdata space is 24-bit, or 16 MB in size. The majority of
this space is not “external”—it is used by on-chip components.
See Table 5-3. External, that is, off-chip, memory can be
accessed using the EMIF. See External Memory Interface on
page 18.
6. System Integration
6.1 Clocking System
The clocking system generates, divides, and distributes clocks
throughout the PSoC system. For the majority of systems, no
external crystal is required. The IMO and PLL together can
generate up to a 66 MHz clock, accurate to ±1% over voltage and
temperature. Additional internal and external clock sources allow
each design to optimize accuracy, power, and cost. All of the
system clock sources can be used to generate other clock
frequencies in the 16-bit clock dividers and UDBs for anything
the user wants, for example a UART baud rate generator.
Clock generation and distribution is automatically configured
through the PSoC Creator IDE graphical interface. This is based
on the complete system’s requirements. It greatly speeds the
design process. PSoC Creator allows you to build clocking
systems with minimal input. You can specify desired clock
frequencies and accuracies, and the software locates or builds a
clock that meets the required specifications. This is possible
because of the programmability inherent PSoC.
Key features of the clocking system include:
Seven general purpose clock sources
3- to 62-MHz IMO, ±1% at 3 MHz
4- to 33-MHz external crystal oscillator (MHzECO)
Clock doubler provides a doubled clock frequency output for
the USB block, see USB Clock Domain on page 24.
DSI signal from an external I/O pin or other logic
24- to 67-MHz fractional PLL sourced from IMO, MHzECO,
or DSI
Clock doubler
1-kHz, 33-kHz, 100-kHz ILO for WDT and sleep timer
32.768-kHz external crystal oscillator (kHzECO) for RTC
IMO has a USB mode that auto locks to the USB bus clock
requiring no external crystal for USB. (USB equipped parts only)
Independently sourced clock in all clock dividers
Eight 16-bit clock dividers for the digital system
Four 16-bit clock dividers for the analog system
Dedicated 16-bit divider for the bus clock
Dedicated 4-bit divider for the CPU clock
Automatic clock configuration in PSoC Creator
Table 5-3. XDATA Data Address Map
Address Range
Purpose
0×00 0000 – 0×00 1FFF
SRAM
0×00 4000 – 0×00 42FF
Clocking, PLLs, and oscillators
0×00 4300 – 0×00 43FF
Power management
0×00 4400 – 0×00 44FF
Interrupt controller
0×00 4500 – 0×00 45FF
Ports interrupt control
0×00 4700 – 0×00 47FF
Flash programming interface
0×00 4900 – 0×00 49FF
I2C controller
0×00 4E00 – 0×00 4EFF
Decimator
0×00 4F00 – 0×00 4FFF
Fixed timer/counter/PWMs
0×00 5000 – 0×00 51FF
I/O ports control
0×00 5400 – 0×00 54FF
External Memory Interface
(EMIF) control registers
0×00 5800 – 0×00 5FFF
Analog Subsystem interface
0×00 6000 – 0×00 60FF
USB controller
0×00 6400 – 0×00 6FFF
UDB configuration
0×00 7000 – 0×00 7FFF
PHUB configuration
0×00 8000 – 0×00 8FFF
EEPROM
0×00 A000 – 0×00 A400
CAN
0×00 C000 – 0×00 C800
Digital Filter Block
0×01 0000 – 0×01 FFFF
Digital Interconnect
configuration
0×05 0220 – 0×05 02F0
Debug controller
0×08 0000 – 0×08 1FFF
flash ECC bytes
0×80 0000 – 0×FF FFFF
External Memory Interface
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com