Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R065D Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48R065D
Description  Enhanced I/O Type MCU with High Current LED Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065D Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48R065D Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
Features
CPU Features
· Operating voltage:
fSYS = 4MHz: 2.2V~5.5V
fSYS = 8MHz: 3.3V~5.5V
fSYS = 12MHz: 4.5V~5.5V
· Up to 0.33
ms instruction cycle with 12MHz system clock at VDD=5V
· Oscillator types:
External high freuency Crystal -- HXT
External RC -- ERC
Internal RC -- HIRC
External low frequency crystal -- LXT
· Three operational modes: Normal, Slow, Sleep
· Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
· Watchdog Timer function
· LIRC oscillator function for watchdog timer
· All instructions executed in one or two instruction cycles
· Table read instructions
· 63 powerful instructions
· Up to 6-level subroutine nesting
· Bit manipulation instruction
· Low voltage reset function
· Wide range of available package types
Peripheral Features
· Up to 26 bidirectional I/O lines
· Software controlled 4-SCOM lines LCD driver with 1/2 bias
· External interrupt input shared with an I/O line
· Up to three 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler
· Time-Base function
· Programmable Frequency Divider -- PFD
General Description
The Enhanced I/O MCUs are a series of 8-bit high performance, RISC architecture microcontrollers
specifically designed for a wide range of applications. The usual Holtek microcontroller features of
low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up
functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of
functional options while still maintaining a high level of cost effectiveness. The fully integrated
system oscillator HIRC, which requires no external components and which has three frequency
selections, opens up a huge range of new application possibilities for these devices, some of which
may include industrial control, consumer products, household appliances subsystem controllers, etc.
HT48R064D/065D/066D
Enhanced I/O Type 8-Bit OTP MCU with LED Driver
Rev. 1.00
1
January 12, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com