Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R065D Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48R065D
Description  Enhanced I/O Type MCU with High Current LED Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065D Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48R065D Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R065D Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Table Program Example
The accompanying example shows how the table pointer and table data is defined and retrieved from
the device. This example uses raw table data located in the last page which is stored there using the
ORG statement. The value at this ORG statement is
²300H² which refers to the start address of the last
page within the 1K Program Memory of the HT48R064D microcontrollers. The table pointer is setup
here to have an initial value of
²06H². This will ensure that the first data read from the data table will be
at the Program Memory address
²306H² or 6 locations after the start of the last page. Note that the
value for the table pointer is referenced to the first address of the present page if the
²TABRDC [m]²
instruction is being used. The high byte of the table data which in this case is equal to zero will be
transferred to the TBLH register automatically when the
²TABRDL [m]² instruction is executed.
Because the TBLH register is a read-only register and cannot be restored, care should be taken to
ensure its protection if both the main routine and Interrupt Service Routine use the table read
instructions. If using the table read instructions, the Interrupt Service Routines may change the value
of TBLH and subsequently cause errors if used again by the main routine. As a rule it is recommended
that simultaneous use of the table read instructions should be avoided. However, in situations where
simultaneous use cannot be avoided, the interrupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table related instructions require two instruction
cycles to complete their operation.
Table Read Program Example
tempreg1
db ?
; temporary register #1
tempreg2
db ?
; temporary register #2
:
:
mov
a,06h
; initialise table pointer - note that this address is referenced
mov
tblp,a
; to the last page or present page
:
:
tabrdl tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²306H² transferred to
; tempreg1 and TBLH
dec
tblp
; reduce value of table pointer by one
Tabrdl tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²305H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²00H² will be transferred to the high byte
; register TBLH
:
:
org
300h
; sets initial address of last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
Rev. 1.00
16
January 12, 2011
HT48R064D/065D/066D
Enhanced I/O Type 8-Bit OTP MCU with LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com