Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1647 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 6416 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Relationship Table between PWM Data and Gray Scale
HT1647
Rev. 1.40
9
November 9, 2010
PATENTED
V a l u e
5 b i t s P W M d a t a
P W M
( O N w i d t h ) G r a y S c a l e
B 4
B 3
B 2
B 1
B 0
0
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
3 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
1
0
1
0
1
1 ( 2 4 / 2 3 )
1 ( 3 1 / 2 3 )
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
1
1
1
0
0
0
1
1
1
0
0
0
1
1
1
0
0
0
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0 ( 0 / 2 3 )
1 / 2 3
2 / 2 3
3 / 2 3
4 / 2 3
5 / 2 3
6 / 2 3
7 / 2 3
8 / 2 3
9 / 2 3
1 0 / 2 3
1 1 / 2 3
1 2 / 2 3
1 3 / 2 3
1 4 / 2 3
1 5 / 2 3
1 6 / 2 3
1 7 / 2 3
1 8 / 2 3
1 9 / 2 3
2 0 / 2 3
2 1 / 2 3
2 2 / 2 3
1 ( 2 3 / 2 3 )
Table 1: FRAME 89Hz Mode
V a l u e
5 b i t s P W M d a t a
P W M
( O N w i d t h ) G r a y S c a l e
B 4
B 3
B 2
B 1
B 0
0
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
3 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1 ( 3 1 / 1 2 )
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
1
1
1
0
0
0
1
1
1
0
0
0
1
0
0
1
1
0
0
1
1
0
0
1
1
0 ( 0 / 1 2 )
1 / 1 2
2 / 1 2
3 / 1 2
4 / 1 2
5 / 1 2
6 / 1 2
7 / 1 2
8 / 1 2
9 / 1 2
1 0 / 1 2
1 1 / 1 2
1 ( 1 2 / 1 2 )
1 ( 1 3 / 1 2 )
Table 2: FRAME 170Hz Mode
Note:
The varied PWM data displays various gray scale
in TN-type, STN-type LCDs.
The color display derives from ECB-type LCD
¢s
specification.
Name
Command Code
Function
GRS LEVEL 1
X100-001 B4-B3 B2 B1 B0-XXXX
Set PWM data in gray scale level 1
GRS LEVEL 2
X100-010 B4-B3 B2 B1 B0-XXXX
Set PWM data in gray scale level 2
GRS LEVEL 3
X100-011 B4-B3 B2 B1 B0-XXXX
Set PWM data in gray scale level 3
GRS LEVEL 4
X100-100 B4-B3 B2 B1 B0-XXXX
Set PWM data in gray scale level 4
Four Kinds of Gray Scale Level Command Code
1 6
1
2
V L C D
V 1
V 2
V 3
V 4
V S S
C O M
W
W '
V L C D
V 1
V 2
V 3
V 4
V S S
S E G
W
W '
V L C D
3 / 5 V L C D
1 / 5 V L C D
- 1 / 5 V L C D
- 3 / 5 V L C D
- V L C D
C O M ~ S E G
1 f r a m e
O N
O F F
O N
N o t e : " W ' " R e a l a c t i v e s e g m e n t s i g n a l w i d t h ( a d j u s t a b l e w i d t h b y P W M d a t a )
" W " M a x . a c t i v e s e g m e n t s i g n a l w i d t h
P W M ( O N w i d t h ) : W ' / W , 0 £ W ' / W £ 1 ( r e f e r t o t a b l e 1 & t a b e l 2 )
1 6
1
2
Example of Waveform (B Type) in 1/5 Bias, 1/16 Duty Cycle Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com