Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16562 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16562
Description  1/2 Duty VFD Digital Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16562 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16562 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HT16562
Rev. 1.20
5
December 17, 2010
Functional Description
VFD Display Driving
The display can directly drive VFD signals dynamically
and does so at a 1/2 duty cycle rate. The clock will be
displayed in a 12-hour format with the hours ranging
from 1 to 12 and minutes from 00 to 59. If the most sig-
nificant numeral is zero then the display will be extin-
guished.
· Grid and segment connections
A single 7-segment display is shown below showing
the illumination pattern for each numeral.
As the device is designed for clock applications, four
7-segment displays are required to display the correct
time output. The connections for the grids and seg-
ments are shown below, however it should be noted
that the fourth segment only requires two of its seg-
ments to be driven. Additionally it should be noted that
the colon can also be illuminated.
Other Pin Functions
The external reset pin A/C is used to reset the internal
circuits of the device. When this pin is pulled low the de-
vice will be reset, when the pin is allowed to go high, via
its internal pull-high resistor, then the display will indi-
cate a
²1:00² output.
The BLANK pin, if pulled low will extinguish the display.
Note that during the time when the BLANK pin is low, the
HS,MS and ZA pins will be automatically disabled by
the device and have no function.
The 64Hz pin allows monitoring of the system frequency
to allow frequency adjustments to be executed. As the
name suggests, this output pin will continuously output
a frequency of 64Hz.
The TEST pin is used during manufacturing for device
testing purposes and should not be connected to any
external circuitry.
Two illumination level set pins, DIM1 and DIM2, are pro-
vided to give control over the display brightness level, as
shown in the following table.
Switch Pin
Name
Operating mode
Dim1
Dim2
L
L
f=256Hz, 1/2 duty (50% display)
H
L
f=256Hz, 1/4 duty (25% display)
L
H
f=256Hz, 1/8 duty (12.5% display)
H
H
f=256Hz, 1/16 duty (6.25% display)
Device Functions
· Reset
Although the device is provided with an external reset
pin A/C, the device will in fact reset itself when power
is applied, eliminating the need for external reset com-
ponents. The usual provision of an external capacitor
is not required as an internal reset capacitor is inte-
grated within the device.
· Internal regulator
An internal regulator function is also integrated within
the device providing a stable voltage power supply
source for the internal circuits. This allows the device
to operate with a wide external power supply ranging
from 4V to 18V.
· Chatter removal
The device contains circuits which are connected to
input pins HS,MS and ZA to remove chatter of less
than 31.25ms.
· Oscillator
The basic time base frequency for this device is deter-
mined by an external 4.194304MHz crystal. When an
external crystal along with two small external capaci-
tors are connected to the two oscillator XT pins, the in-
ternal oscillator circuit will ensure generation of the
correct time base signals. The oscillation frequency,
although determined by the external crystal fre-
quency, will also be influenced by the external capaci-
tors, the crystal inherent capacitance and the residual
capacitance of the external PCB tracks. To ensure ac-
curate frequency generation, the crystal specification
should be carefully consulted and the external capaci-
tors and crystal should be placed as close to the de-
vice as possible.

7 - S e g m e n t s
A
B
C
D
E
F
G
d i g i t 4
d i g i t 3
d i g i t 2
d i g i t 1
c o l
c o l
c o l o n
G R 1
G R 2
2 a
2 b
2 c
2 d
2 e
2 f
2 g
1 a
1 b
1 c
1 d
1 e
1 f
1 g
3 a
3 b
3 c
3 d
3 e
3 f
3 g
4 b
4 c



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com