Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16562 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT16562
Description  1/2 Duty VFD Digital Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16562 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT16562 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT16562
1/2 Duty VFD Digital Clock
Block Diagram
Note:
²*² col indicates a blink colon and col¢ indicates a continuous light colon.
Rev. 1.20
1
December 17, 2010
Features
· VFD display 12 hour clock function
· Directly drive VFD panels at 1/2 Duty cycle
· 4.194304MHz crystal oscillation
· Zero adjust function
· Integrated voltage regulator permits wide 4V to 18V
operating voltage range
· Four levels of illumination control function
· 30-pin SSOP package
General Description
The HT16562 provides direct drive to VFD panels to im-
plement a 12 hour clock function. Obtaining its time
base from a 4.194304MHz crystal oscillation source
and in having a wide operating voltage due to its internal
voltage regulator, the device also contains a host of
other features. These include a choice of adjustment
modes, including single push increment or 2Hz fast for-
ward functions. Additional features are provided in the
form of Blank control, Zero adjustment and four levels of
illumination control.
V D D
V D D
V D D
V o l t a g e R e g u l a t o r C i r c u i t
G R 1
1 a , 3 a
1 b , 3 b
1 c , 3 c
1 d , 3 d
1 e , 3 e
1 f , 3 f
1 g , 3 g
2 a , 2 d
2 b , 4 b , 4 c
2 c , c o l *
2 c , c o l ' *
2 e
2 f
2 g
C o l o n
F r e q u e n c y
F r e q u e n c y D r i v e r C i r c u i t
O s c i l l a t o r
G R 2
V C C
V D D
6 4 H z
T E S T
B L A N K
D I M 1
D I M 2
X T
X T
V S S
A / C
Z A
H S
M S
G r i d
D e c o d e r
V D D
V D D
V D D
B r i g h t n e s s A d j u s t m e n t
H o u r C o u n t e r
M i n u t e C o u n t e r
S e c o n d C o u n t e r
S e g m e n t
D e c o d e r


Similar Part No. - HT16562

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
1/2 Duty VFD Digital Clock
March 28, 2007
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
1/2 Duty VFD Digital Clock
More results

Similar Description - HT16562

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
Clock For 1/2 Duty VFD
logo
Sanyo Semicon Device
LC7573N SANYO-LC7573N Datasheet
169Kb / 10P
1/2 Duty VFD Driver for Frequency Display
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
1/2 Duty VFD Driver for Frequency Display
logo
Holtek Semiconductor In...
HT16561 HOLTEK-HT16561 Datasheet
116Kb / 9P
VFD Digital Clock
February 7, 2007
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
1/2 Duty VFD Digital Clock
March 28, 2007
HT16566 HOLTEK-HT16566 Datasheet
130Kb / 8P
1/2 Duty VFD Digital Clock
March 28, 2007
HT16566 HOLTEK-HT16566_10 Datasheet
96Kb / 8P
1/2 Duty VFD Digital Clock
HT16561 HOLTEK-HT16561_12 Datasheet
145Kb / 9P
VFD Digital Clock
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_12 Datasheet
141Kb / 8P
1/2 Duty VFD Digital Clock
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com