Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPowerTM C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT45R37 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD8
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=1MHz
¾
180
270
mA
5V
¾
400
600
mA
IDD9
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=2MHz
¾
270
400
mA
5V
¾
560
840
mA
IDD10
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=1MHz
¾
240
360
mA
5V
¾
540
810
mA
IDD11
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=2MHz
¾
320
480
mA
5V
¾
680
1020
mA
IDD12
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=4MHz
¾
500
750
mA
5V
¾
1000
1500
mA
IDD13
Operating Current
(fSYS=32768Hz (note 1)
or 32K_INT internal RC OSC)
3V
No load, WDT off
¾
816
mA
5V
¾
15
30
mA
ISTB1
Standby Current ( Sleep)
(fSYS,fSUB,fS,fWDT=off)
3V
No load, system HALT,
WD off
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current ( Sleep)
(fSYS,fWDT=fSUB=32768Hz
(note 1) or 32K_INT RC OSC)
3V
No load, system HALT,
WDT on
¾
24
mA
5V
¾
46
mA
ISTB3
Standby Current ( Idle)
(fSYS,fWDT=off;
fS=fSUB=32768Hz (note 1)
or 32K_INT RC OSC)
3V
No load, system HALT,
WDT off
¾
24
mA
5V
¾
46
mA
ISTB4
Standby Current ( Idle)
(fSYS=on, fSYS=fM=4MHz,
fWDT=off, fS (note 3)=
fSUB=32768Hz (note 1) or
32K_INT RC OSC)
3V
No load, system HALT,
WDT off, SPI or I
2C on,
PCLK on, PCLK=fSYS/8
¾
150
250
mA
5V
¾
350
550
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾ Configuration option: 2.1V
1.98
2.1
2.22
V
¾ Configuration option: 3.15V
2.98
3.15
3.32
V
¾ Configuration option: 4.2V
3.98
4.2
4.42
V
VLVD
Low Voltage Detector Voltage
¾ Configuration option: 2.2V
2.08
2.2
2.32
V
¾ Configuration option: 3.3V
3.12
3.3
3.50
V
¾ Configuration option: 4.4V
4.12
4.4
4.70
V
IOL1
I/O Port Sink Current -
Except PC0
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
HT45R37
Rev. 1.20
5
February 25, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com