Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPowerTM C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT45R37 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
HT45R37
TinyPowerTM C/R-F Type 8-Bit OTP MCU
Rev. 1.20
1
February 25, 2011
General Description
The HT45R37 is a TinyPower
TM C/R to F Type 8-bit high
performance RISC architecture microcontroller. As a C/R
to F type of MCU, the device can interface to 16 external
C or R type sensors and convert their values to a fre-
quency value for processing. In addition its internal A/D
converter allows the device to interface directly to analog
signals and its integrated dual channel Pulse Width Modu-
lators allows control of external motors, LEDs etc.
With their fully integrated SPI and I
2C functions, design-
ers are provided with a means of easy communication
with external peripheral hardware. The benefits of inte-
grated A/D, C/R to F converter, and PWM functions, in
addition to low power consumption, high performance,
I/O flexibility and low-cost, provides the device with the
versatility for a wide range of products in the home appli-
ance and industrial application areas. Some of these
products could include electronic metering, environmen-
tal monitoring, handheld instruments, electronically con-
trolled tools, motor driving in addition to many others.
The unique Holtek TinyPower technology also gives the
devices extremely low current consumption characteris-
tics, an extremely important consideration in the present
trend for low power battery powered applications. The
usual Holtek MCU features such as power down and
wake-up functions, oscillator options, programmable
frequency divider, etc. combine to ensure user applica-
tions require a minimum of external components.
Features
· Operating voltage:
fSYS=32768Hz: 2.2V~5.5V
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.0V~5.5V
fSYS=12MHz: 4.5V~5.5V
· OTP Program Memory: 4K´15
· RAM Data Memory: 160´8
· 27 bidirectional I/O lines
· Three external interrupt input shared with I/O lines
· Two 8-bit programmable Timer/Event Counter
with overflow interrupt and 7-stage prescaler
· External C/R to F converter
· 16-Channel Capacitor/Resistor sensor inputs
· Integrated Crystal, IRC, ERC and RTC oscillator
· Fully integrated internal RC oscillator available with
three frequencies: 4MHz, 8MHz or 12MHz
· Watchdog Timer function
· LIRC or RTC oscillator function for watchdog timer
· PFD and Buzzer for audio frequency generation
· Dual Serial Interfaces: SPI and I2C
· 4 operating modes: normal, slow, idle and sleep
· 6-level subroutine nesting
· 6-channel 12-bit resolution A/D converter
· 2-channel 12-bit PWM output shared with I/O line
· Low voltage reset function - 2.1V, 3.15V, 4.2V
· Low voltage detect function - 2.2V, 3.3V, 4.4V
· Bit manipulation instruction
· 15-Bit table read instructions
· 63 powerful instructions
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· All instructions executed in one or two machine
cycles
· Idle/Sleep mode and wake-up functions to reduce
power consumption
· Time-Base and RTC interrupt
· 20-pin DIP/SOP, 24/28-pin SKDIP/SOP/SSOP,
32-pin QFN and 44-pin QFP packages
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT45R37

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
June 25, 2009
HT45R37 HOLTEK-HT45R37 Datasheet
623Kb / 100P
TinyPower C/R-F Type 8-Bit OTP MCU
January 29, 2010
HT45R37V HOLTEK-HT45R37V Datasheet
619Kb / 90P
TinyPower C/R-F Type 8-Bit OTP MCU
October 20, 2009
HT45R37 HOLTEK-HT45R37_10 Datasheet
623Kb / 100P
TinyPower C/R-F Type 8-Bit OTP MCU
January 29, 2010
More results

Similar Description - HT45R37

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
C/R to F Type 8-Bit OTP MCU
September 28, 2006
HT45R34 HOLTEK-HT45R34 Datasheet
307Kb / 41P
C/R to F Type 8-Bit OTP MCU
October 15, 2007
HT45R38 HOLTEK-HT45R38 Datasheet
349Kb / 49P
C/R to F Type 8-Bit OTP MCU
December 13, 2006
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
June 25, 2009
HT45R35V HOLTEK-HT45R35V Datasheet
301Kb / 42P
C/R to F Type 8-Bit OTP MCU
March 19, 2009
HT45R37V HOLTEK-HT45R37V Datasheet
619Kb / 90P
TinyPower C/R-F Type 8-Bit OTP MCU
October 20, 2009
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
C/R to F Type 8-Bit OTP MCU
January 29, 2010
HT45R37 HOLTEK-HT45R37_10 Datasheet
623Kb / 100P
TinyPower C/R-F Type 8-Bit OTP MCU
January 29, 2010
HT45R35 HOLTEK-HT45R35_10 Datasheet
383Kb / 59P
C/R to F Type 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com