Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F13 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 55Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 56Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 57Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 173 page
background image
Timer Modules
- TM
One of the most fundamental functions in any microcontroller device is the ability to control and
measure time. To implement time related functions each device includes several Timer Modules,
abbreviated to the name TM. The TMs are multi-purpose timing units and serve to provide operations
such as Timer/Counter, Input Capture, Compare Match Output and Single Pulse Output as well as
being the functional unit for the generation of PWM signals. Each of the TMs has either two or three
individual interrupts. The addition of input and output pins for each TM ensures that users are provided
with timing units with a wide and flexible range of features.
The common features of the different TM types are described here with more detailed information
provided in the individual Compact, Standard and Enhanced TM sections.
Introduction
The devices contain up to two TMs with each TM having a reference name of TM0 and TM1. Each
individual TM can be categorised as a certain type, namely Compact Type TM (CTM), Standard Type
TM (STM) or Enhanced Type TM (ETM). Although similar in nature, the different TM types vary in
their feature complexity. The common features to all of the Compact, Standard and Enhanced TMs
will be described in this section and the detailed operation regarding each of the TM types will be
described in separate sections. The main features and differences between the three types of TMs are
summarised in the accompanying table.
Function
CTM
STM
ETM
Timer/Counter
ÖÖÖ
I/P Capture
¾Ö
Ö
Compare Match Output
ÖÖÖ
PWM Channels
1
1
2
Single Pulse Output
¾
12
PWM Alignment
Edge
Edge
Edge & Centre
PWM Adjustment Period & Duty
Duty or Period
Duty or Period
Duty or Period
TM Function Summary
Each device in the series contains a specific number of either Compact Type, Standard Type and En-
hanced Type TM units which are shown in the table together with their individual reference name,
TM0~TM1.
Device
TM0
TM1
HT66F13
¾
10-bit STM
HT66F14
10-bit CTM
10-bit STM
HT66F15
10-bit CTM
10-bit ETM
TM Name/Type Reference
Rev. 1.10
59
February 9, 2011
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com