Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F13 Datasheet(PDF) 127 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 127 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 131Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 173 page
background image
However, it must be noted that, although the Multi-function Interrupt flags will be automatically reset
when the interrupt is serviced, the request flags from the original source of the Multi-function
interrupts, namely the TM Interrupts, will not be automatically reset and must be manually reset by the
application program.
A/D Converter Interrupt
The A/D Converter Interrupt is controlled by the termination of an A/D conversion process. An A/D
Converter Interrupt request will take place when the A/D Converter Interrupt request flag, ADF, is set,
which occurs when the A/D conversion process finishes. To allow the program to branch to its
respective interrupt vector address, the global interrupt enable bit, EMI, and A/D Interrupt enable bit,
ADE, must first be set. When the interrupt is enabled, the stack is not full and the A/D conversion
process has ended, a subroutine call to the A/D Converter Interrupt vector, will take place. When the
interrupt is serviced, the A/D Converter Interrupt flag, ADF, will be automatically cleared. The EMI
bit will also be automatically cleared to disable other interrupts.
Time Base Interrupts
The function of the Time Base Interrupt is to provide regular time signal in the form of an internal
interrupt. It is controlled by the overflow signal from the respective timer function. When this happens,
the respective interrupt request flags TBF will be set. To allow the program to branch to their
respective interrupt vector addresses, the global interrupt enable bit EMI and Time Base enable bit
TBE must first be set. When the interrupt is enabled, the stack is not full and the Time Base overflows,
a subroutine call to their respective vector locations will take place. When the interrupt is serviced, the
respective interrupt request flag TBF will be automatically reset and the EMI bit will be cleared to
disable other interrupts.
The purpose of the Time Base Interrupt is to provide an interrupt signal at fixed time periods. Their
clock sources originate from the internal clock source fTB. This fTB input clock passes through a
divider, the division ratio of which is selected by programming the appropriate bits in the TBC register
to obtain longer interrupt periods whose value ranges. The clock source that generates fTB, which in
turn controls the Time Base interrupt period, can originate from several different sources, as shown in
the System Operating Mode section.
Rev. 1.10
127
February 9, 2011
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
M U X
f S Y S / 4
f T B C
D i v i d e b y 2 1 2 ~ 2 1 5
f T B
T i m e B a s e I n t e r r u p t
M U X
T B 1 ~ T B 0
Time Base Interrupt
Note: The fTBC is from the LIRC oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com