Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F13 Datasheet(PDF) 147 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 147 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 150Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 151Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 173 page
background image
SWAP [m]
SwapnibblesofDataMemory
Description
Thelow-orderandhigh-ordernibblesofthespecifiedDataMemoryareinterchanged.
Operation
[m].3~[m].0
« [m].7~[m].4
Affected flag(s)
None
SWAPA [m]
SwapnibblesofDataMemorywithresultin ACC
Description
The low-order and high-order nibbles of the specified Data Memory are interchanged.
The result is stored in the Accumulator. The contents of the Data Memory remain un-
changed.
Operation
ACC.3~ ACC.0
¬ [m].7~[m].4
ACC.7~ ACC.4
¬ [m].3~[m].0
Affected flag(s)
None
SZ [m]
SkipifDataMemoryis0
Description
If the contents of the specified Data Memory is 0, the following instruction is skipped.
As this requires the insertion of a dummy instruction while the next instruction is
fetched, it is a two cycle instruction. If the result is not 0 the program proceeds with the
followinginstruction.
Operation
Skipif[m]=0
Affected flag(s)
None
SZA [m]
SkipifDataMemoryis0withdatamovementto ACC
Description
The contents of the specified Data Memory are copied to the Accumulator. If the value is
zero, the following instruction is skipped. As this requires the insertion of a dummy in-
struction while the next instruction is fetched, it is a two cycle instruction. If the result is
not0theprogramproceedswiththefollowinginstruction.
Operation
ACC
¬ [m]
Skipif[m]=0
Affected flag(s)
None
SZ [m].i
Skipifbit i ofDataMemoryis0
Description
If bit i of the specified Data Memory is 0, the following instruction is skipped. As this re-
quires the insertion of a dummy instruction while the next instruction is fetched, it is a
two cycle instruction. If the result is not 0, the program proceeds with the following in-
struction.
Operation
Skipif[m].i =0
Affected flag(s)
None
TABRDC [m]
Readtable(currentpage)to TBLH andDataMemory
Description
The low byte of the program code (current page) addressed by the table pointer (TBLP)
ismovedtothespecifiedDataMemoryandthehighbytemovedto TBLH.
Operation
[m]
¬ programcode(lowbyte)
TBLH
¬ programcode(highbyte)
Affected flag(s)
None
Rev.1.10
147
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashTypeMCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com