Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F13 Datasheet(PDF) 168 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 168 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 164Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 165Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 172Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 173 page
background image
CarrierTapeDimensions
SOP16N(150mil)
Symbol
Description
Dimensionsinmm
W
CarrierTapeWidth
16.0
±0.3
P
CavityPitch
8.0
±0.1
E
PerforationPosition
1.75
±0.1
F
CavitytoPerforation(WidthDirection)
7.5
±0.1
D
PerforationDiameter
1.55
+0.10/-0.00
D1
CavityHoleDiameter
1.50
+0.25/-0.00
P0
PerforationPitch
4.0
±0.1
P1
CavitytoPerforation(LengthDirection)
2.0
±0.1
A0
CavityLength
6.5
±0.1
B0
CavityWidth
10.3
±0.1
K0
CavityDepth
2.1
±0.1
t
CarrierTapeThickness
0.30
±0.05
C
CoverTapeWidth
13.3
±0.1
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashTypeMCU
Rev.1.10
168
February9,2011
P
D 1
W
P 1
P 0
D
E
F
t
K 0
B 0
A 0
C
I C p a c k a g e p i n 1 a n d t h e r e e l h o l e s
a r e l o c a t e d o n t h e s a m e s i d e .
R e e l H o l e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com