Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H01 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6H01
Description  1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H01 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6H01 Datasheet HTML 7Page - Microchip Technology MCP6H01 Datasheet HTML 8Page - Microchip Technology MCP6H01 Datasheet HTML 9Page - Microchip Technology MCP6H01 Datasheet HTML 10Page - Microchip Technology MCP6H01 Datasheet HTML 11Page - Microchip Technology MCP6H01 Datasheet HTML 12Page - Microchip Technology MCP6H01 Datasheet HTML 13Page - Microchip Technology MCP6H01 Datasheet HTML 14Page - Microchip Technology MCP6H01 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
© 2011 Microchip Technology Inc.
DS22243C-page 11
MCP6H01/2/4
Note: Unless otherwise indicated, T
A =+25°C, VDD = +3.5V to +16V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT ≈ VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL =60 pF.
FIGURE 2-25:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-26:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-27:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-28:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-29:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-30:
Slew Rate vs. Ambient
Temperature.
0.1
1
10
100
1000
0.01
0.1
1
10
100
Output Current (mA)
VDD - VOH
VOL - VSS
VDD = 5V
0.1
1
10
100
1000
0.0
0.1
1.0
10.0
Output Current (mA)
VDD - VOH
VOL - VSS
VDD = 3.5V
15
16
17
18
19
20
21
22
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD - VOH
VOL - VSS
VDD = 15V
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD - VOH
VOL - VSS
VDD = 5V
2
3
4
5
6
7
8
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD - VOH
VOL - VSS
VDD = 3.5V
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge, VDD = 15V
Rising Edge, VDD = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com