Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H01 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6H01
Description  1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H01 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6H01 Datasheet HTML 8Page - Microchip Technology MCP6H01 Datasheet HTML 9Page - Microchip Technology MCP6H01 Datasheet HTML 10Page - Microchip Technology MCP6H01 Datasheet HTML 11Page - Microchip Technology MCP6H01 Datasheet HTML 12Page - Microchip Technology MCP6H01 Datasheet HTML 13Page - Microchip Technology MCP6H01 Datasheet HTML 14Page - Microchip Technology MCP6H01 Datasheet HTML 15Page - Microchip Technology MCP6H01 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MCP6H01/2/4
DS22243C-page 12
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A =+25°C, VDD = +3.5 V to +16 V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT ≈ VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL =60 pF.
FIGURE 2-31:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-32:
Small Signal Non-Inverting
Pulse Response.
FIGURE 2-33:
Small Signal Inverting Pulse
Response.
FIGURE 2-34:
Large Signal Non-Inverting
Pulse Response.
FIGURE 2-35:
Large Signal Inverting Pulse
Response.
FIGURE 2-36:
The MCP6H01/2/4 Shows
No Phase Reversal.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge, VDD = 5V
Rising Edge, VDD = 5V
Falling Edge, VDD = 3.5V
Rising Edge, VDD = 3.5V
Time (2 µs/div)
VDD = 15V
G = +1V/V
Time (2 µs/div)
VDD = 15V
G = -1V/V
0
2
4
6
8
10
12
14
16
Time (20 µs/div)
VDD = 15V
G = +1V/V
0
2
4
6
8
10
12
14
16
Time (20 µs/div)
VDD = 15V
G = -1V/V
-1
1
3
5
7
9
11
13
15
17
Time (0.1 ms/div)
VDD = 15V
G = +2V/V
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com