Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6442 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP6442
Description  450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6442 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP6442 Datasheet HTML 34Page - Microchip Technology MCP6442 Datasheet HTML 35Page - Microchip Technology MCP6442 Datasheet HTML 36Page - Microchip Technology MCP6442 Datasheet HTML 37Page - Microchip Technology MCP6442 Datasheet HTML 38Page - Microchip Technology MCP6442 Datasheet HTML 39Page - Microchip Technology MCP6442 Datasheet HTML 40Page - Microchip Technology MCP6442 Datasheet HTML 41Page - Microchip Technology MCP6442 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22257B-page 39
MCP6441/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6441T:
Single Op Amp (Tape and Reel)
(SC70, SOT-23)
MCP6442T:
Dual Op Amp (Tape and Reel)
(SOIC, MSOP)
MCP6442:
Dual Op Amp (Tube)
(SOIC, MSOP)
MCP6444T:
Quad Op Amp (Tape and Reel)
(SOIC, TSSOP)
MCP6444:
Quad Op Amp (Tube)
(SOIC, TSSOP)
Temperature
Range:
E
= -40°C to +125°C
Package:
LT
= Plastic Package (SC70), 5-lead
OT
= Plastic Small Outline Transistor (SOT-23), 5-lead
MS
= Plastic MSOP, 8-lead
SN
= Plastic SOIC, (3.99 mm body), 8-lead
SL
= Plastic SOIC, (3.99 mm body), 14-lead
ST
= Plastic TSSOP (4.4 mm body), 14-lead
Examples:
a)
MCP6441T-E/LT:
Tape and Reel,
5LD SC70 Package
b)
MCP6441T-E/OT:
Tape and Reel,
5LD SOT-23 Package
c)
MCP6442T-E/MS:
Tape and Reel,
8LD MSOP Package
d)
MCP6442-E/MS:
Tube,
8LD MSOP Package
e)
MCP6442T-E/SN:
Tube,
8LD SOIC Package
f)
MCP6442-E/SN:
Tube,
8LD SOIC Package
g)
MCP6444T-E/SL:
Tape and Reel,
14LD SOIC Package
h)
MCP6444-E/SL:
Tube,
14LD SOIC Package
i)
MCP6444T-E/ST:
Tape and Reel,
14LD TSSOP Package
j)
MCP6444-E/ST:
Tube,
14LD TSSOP Package
PART NO.
-X
/XX
Package
Temperature
Range
Device
T
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com