Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6442 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6442
Description  450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6442 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6442 Datasheet HTML 3Page - Microchip Technology MCP6442 Datasheet HTML 4Page - Microchip Technology MCP6442 Datasheet HTML 5Page - Microchip Technology MCP6442 Datasheet HTML 6Page - Microchip Technology MCP6442 Datasheet HTML 7Page - Microchip Technology MCP6442 Datasheet HTML 8Page - Microchip Technology MCP6442 Datasheet HTML 9Page - Microchip Technology MCP6442 Datasheet HTML 10Page - Microchip Technology MCP6442 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22257B-page 7
MCP6441/2/4
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-13:
Quiescent Current vs.
Ambient Temperature.
FIGURE 2-14:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-15:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-16:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-17:
DC Open-Loop Gain vs.
Output Voltage Headroom.
FIGURE 2-18:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
200
250
300
350
400
450
500
550
600
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 6.0V
VDD = 1.4V
0
100
200
300
400
500
600
700
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-20
0
20
40
60
80
100
120
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01 1.0E+02 1.0E+03
1.0E+04 1.0E+05
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Open-Loop Gain
Open-Loop Phase
VDD = 6.0V
1m 10m 0.1
1
10
100 1k
10k 100k
60
70
80
90
100
110
120
130
Power Supply Voltage (V)
RL = 10 kΩ
VSS + 0.1V < VOUT < VDD - 0.1V
60
70
80
90
100
110
120
130
0.00
0.05
0.10
0.15
0.20
0.25
Output Voltage Headroom (V)
RL = 10k
Large Signal AOL
VDD = 6.0V
VDD = 1.4V
Ω
0
2
4
6
8
10
12
14
16
18
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
Gain Bandwidth Product
Phase Margin
VDD = 6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com