Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6442T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6442T
Description  450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6442T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6442T Datasheet HTML 4Page - Microchip Technology MCP6442T Datasheet HTML 5Page - Microchip Technology MCP6442T Datasheet HTML 6Page - Microchip Technology MCP6442T Datasheet HTML 7Page - Microchip Technology MCP6442T Datasheet HTML 8Page - Microchip Technology MCP6442T Datasheet HTML 9Page - Microchip Technology MCP6442T Datasheet HTML 10Page - Microchip Technology MCP6442T Datasheet HTML 11Page - Microchip Technology MCP6442T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCP6441/2/4
DS22257B-page 8
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-19:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-20:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-21:
Output Voltage Swing vs.
Frequency.
FIGURE 2-22:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-23:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-24:
Slew Rate vs. Ambient
Temperature.
0
2
4
6
8
10
12
14
16
18
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
Gain Bandwidth Product
Phase Margin
VDD = 1.4V
0
5
10
15
20
25
30
35
Power Supply Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0.1
1
10
10
100
1000
10000
Frequency (Hz)
VDD = 1.4V
VDD = 6.0V
10
100
1k
10k
0.1
1
10
100
1000
10
100
1000
10000
Output Current (mA)
VDD - VOH @ VDD = 1.4V
VOL - VSS @ VDD = 1.4V
VDD - VOH @ VDD = 6.0V
VOL - VSS @ VDD = 6.0V
RL = 10 kΩ
0.01
0.1
1
10
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD - VOH @ VDD = 1.4V
VOL - VSS @ VDD = 1.4V
VDD - VOH @ VDD = 6.0V
VOL - VSS @ VDD = 6.0V
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge, VDD = 6.0V
Rising Edge, VDD = 6.0V
Falling Edge, VDD = 1.4V
Rising Edge, VDD = 1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com