Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6442T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6442T
Description  450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6442T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6442T Datasheet HTML 9Page - Microchip Technology MCP6442T Datasheet HTML 10Page - Microchip Technology MCP6442T Datasheet HTML 11Page - Microchip Technology MCP6442T Datasheet HTML 12Page - Microchip Technology MCP6442T Datasheet HTML 13Page - Microchip Technology MCP6442T Datasheet HTML 14Page - Microchip Technology MCP6442T Datasheet HTML 15Page - Microchip Technology MCP6442T Datasheet HTML 16Page - Microchip Technology MCP6442T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22257B-page 13
MCP6441/2/4
4.0
APPLICATION INFORMATION
The MCP6441/2/4 op amp is manufactured using
Microchip’s state-of-the-art CMOS process, specifically
designed for low power applications.
4.1
Rail-to-Rail Input
4.1.1
PHASE REVERSAL
The MCP6441/2/4 op amp is designed to prevent
phase reversal, when the input pins exceed the supply
voltages.
Figure 2-29
shows
the
input
voltage
exceeding the supply voltage with no phase reversal.
4.1.2
INPUT VOLTAGE LIMITS
In order to prevent damage and/or improper operation
of the amplifier, the circuit must limit the voltages at the
input pins (see
Section 1.1 “Absolute Maximum
Ratings †”).
The Electrostatic Discharge (ESD) protection on the
inputs can be depicted as shown in Figure 4-1. This
structure was chosen to protect the input transistors
against many, but not all, over-voltage conditions, and
to minimize the input bias current (IB).
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
The input ESD diodes clamp the inputs when they try
to go more than one diode drop below VSS. They also
clamp any voltages that go well above VDD; their
breakdown voltage is high enough to allow normal
operation, but not low enough to protect against slow
over-voltage (beyond VDD) events. Very fast ESD
events that meet the spec are limited so that damage
does not occur.
In some applications, it may be necessary to prevent
excessive voltages from reaching the op amp inputs;
Figure 4-2 shows one approach to protecting these
inputs.
FIGURE 4-2:
Protecting the Analog
Inputs.
A significant amount of current can flow out of the
inputs when the Common Mode voltage (VCM) is below
ground (VSS); see Figure 2-31.
4.1.3
INPUT CURRENT LIMITS
In order to prevent damage and/or improper operation
of the amplifier, the circuit must limit the currents into
the input pins (see
Section 1.1 “Absolute Maximum
Ratings †”).
Figure 4-3 shows one approach to protecting these
inputs. The resistors R1 and R2 limit the possible
currents in or out of the input pins (and the ESD diodes,
D1 and D2). The diode currents will go through either
VDD or VSS.
FIGURE 4-3:
Protecting the Analog
Inputs.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
VDD
D1
V2
D2
MCP644X
VOUT
V1
R1
VDD
D1
min(R1,R2)>
VSS –min(V1, V2)
2mA
V2
R2
D2
MCP644X
VOUT
min(R1,R2)>
max(V1,V2)–VDD
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com