Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4600IV Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4600IV
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600IV Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4600IV Datasheet HTML 3Page - Linear Technology LTM4600IV Datasheet HTML 4Page - Linear Technology LTM4600IV Datasheet HTML 5Page - Linear Technology LTM4600IV Datasheet HTML 6Page - Linear Technology LTM4600IV Datasheet HTML 7Page - Linear Technology LTM4600IV Datasheet HTML 8Page - Linear Technology LTM4600IV Datasheet HTML 9Page - Linear Technology LTM4600IV Datasheet HTML 10Page - Linear Technology LTM4600IV Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM4600
7
4600fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4.5V to 20V, VOUT = 1.5V)
IOUT = 10A
20
μF
COUT
External Output Capacitor Requirement
(VIN = 4.5V to 20V, VOUT = 1.5V)
IOUT = 10A, Refer to Table 2 in the
Applications Information Section
100
200
μF
TA = 25°C, VIN = 12V. Use Figure 1 configuration.
Figure 1. Simplified LTM4600 Block Diagram
4600 F01
RUN/SS
LTM4600
VOSET
EXTVCC
SGND
fADJ
FCB
1000pF
Q1
Q2
VOUT 1.5V/10A MAX
PGND
VIN 4.5V TO 20V
SVIN
COMP
PGOOD
R6
66.5k
100k
0.5%
4.75k
1.5μF
CIN
15μF
6.3V
COUT
10Ω
INT
COMP
CONTROLLER
SIMPLIFIED BLOCK DIAGRAM
DECOUPLING REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com