Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4600IV Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4600IV
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600IV Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4600IV Datasheet HTML 15Page - Linear Technology LTM4600IV Datasheet HTML 16Page - Linear Technology LTM4600IV Datasheet HTML 17Page - Linear Technology LTM4600IV Datasheet HTML 18Page - Linear Technology LTM4600IV Datasheet HTML 19Page - Linear Technology LTM4600IV Datasheet HTML 20Page - Linear Technology LTM4600IV Datasheet HTML 21Page - Linear Technology LTM4600IV Datasheet HTML 22Page - Linear Technology LTM4600IV Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM4600
19
4600fc
Figure 18. Typical Application, 5V to 20V Input, 0.6V to 5V Output, 10A Max
4600 F17
VOUT
EXTVCC
fADJ
VOSET
FCB
COMP
PGOOD
VOUT
(MULTIPLE PINS)
VOUT
RUN/SS
SGND
PGND
(MULTIPLE PINS)
COUT1
22μF
6.3V
×3
REFER TO
TABLE 2
COUT2
470μF
REFER TO
TABLE 2
GND
0.6V TO 5V
REFER TO STEP-DOWN
RATIO GRAPH
C4
OPT
VIN
5V TO 20V
GND
CIN (CER)
10μF
2x
CIN (BULK)
150μF
C3
100pF
R1
66.5k
REFER TO
TABLE 1
VIN
(MULTIPLE PINS)
LTM4600
SVIN
+
+
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com