Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL150N3LLH5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL150N3LLH5
Description  N-channel 30 V, 0.0014 Ω, 35 A, PowerFLAT??(6x5) STripFET™V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL150N3LLH5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL150N3LLH5_09 Datasheet HTML 3Page - STMicroelectronics STL150N3LLH5_09 Datasheet HTML 4Page - STMicroelectronics STL150N3LLH5_09 Datasheet HTML 5Page - STMicroelectronics STL150N3LLH5_09 Datasheet HTML 6Page - STMicroelectronics STL150N3LLH5_09 Datasheet HTML 7Page - STMicroelectronics STL150N3LLH5_09 Datasheet HTML 8Page - STMicroelectronics STL150N3LLH5_09 Datasheet HTML 9Page - STMicroelectronics STL150N3LLH5_09 Datasheet HTML 10Page - STMicroelectronics STL150N3LLH5_09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STL150N3LLH5
Electrical characteristics
Doc ID 14092 Rev 4
7/12
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10. Normalized gate threshold voltage
vs temperature
Figure 11. Normalized on resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
0
2
4
6
8
10
12
0
20
40
60
Qg(nC)
HV42730
VGS(V)
VDD=15 V
ID=34 A
VGS=5 V
0
2000
4000
6000
8000
10000
C(pF)
0
10
20
VDS(V)
f=1MHz
Coss
Crss
Ciss
HV42760
0.2
0.4
0.6
0.8
1
1.2
VGS(th)
(norm)
-55
-30
-5
20
45
70
95
120
145 TJ (°C)
HV42740
ID=250µA
0.6
0.8
1
1.2
1.4
1.6
RDS(on)
HV42750
-55
-30-5
20
45
70
95
120 145 TJ(°C)
(norm)
ID=17 A
VGS=10 V
0.3
0.4
0.5
0.6
0.7
0.8
VSD(V)
HV42780
0
10
20
30
ID(A)
TJ=-55°C
TJ=25°C
TJ=175°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com