Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL811HS Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 18Page - Cypress Semiconductor SL811HS Datasheet HTML 19Page - Cypress Semiconductor SL811HS Datasheet HTML 20Page - Cypress Semiconductor SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 22 of 32
Figure 6. Package Markings (48-Pin TQFP)
YYWW = Date code
XXXX = Product code
X.X = Silicon revision number
33
BIDIR
D6
Data 6. Microprocessor Data/Address Bus.
34
NC
NC
No connection.
35
NC
NC
No connection.
36
NC
NC
No connection.
37
NC
NC
No connection.
38
NC
NC
No connection.
39
BIDIR
D7
Data 7. Microprocessor Data/Address Bus.
40
IN
M/S
Master/Slave Mode Select. ’1’ selects Slave. ’0’ = Master.
41
VDD
+3.3 VDC
Device VDD Power.
42[8]
IN
A0
A0 = ’0’. Selects address pointer. Register A0 = ’1’. Selects data buffer or
register.
43
IN
nDACK
DMA Acknowledge. An active LOW input used to interface to an external
DMA controller. DMA is enabled only in slave mode. In host mode, the pin
should be tied HIGH (logic ’1’).
44
OUT
nDRQ
DMA Request. An active LOW output used with an external DMA controller.
nDRQ and nDACK form the handshake for DMA data transfers. In host
mode, leave the pin unconnected.
45
IN
nRD
Read Strobe Input. An active LOW input used with nCS to read
registers/data memory.
46
NC
NC
No connection.
47
NC
NC
No connection.
48
NC
NC
No connection.
Table 34. Pin and Signal Description for Pins
48-Pin TQFP
AXC Pin No.
Pin Type
Pin Name
Pin Description
Notes
7. VDD can be derived from the USB supply. Figure 5 on page 20 shows a simple method to provide 3.3 V/30 mA. Another option is to use a Torex Semiconductor,
Ltd. 3.3 V SMD regulator (part number XC62HR3302MR).
8. The A0 Address bit is used to access address register or data registers in I/O Mapped or Memory Mapped applications.
Part Number
YYW W -X.X
XXXX
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com