Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL811HS Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor SL811HS Datasheet HTML 27Page - Cypress Semiconductor SL811HS Datasheet HTML 28Page - Cypress Semiconductor SL811HS Datasheet HTML 29Page - Cypress Semiconductor SL811HS Datasheet HTML 30Page - Cypress Semiconductor SL811HS Datasheet HTML 31Page - Cypress Semiconductor SL811HS Datasheet HTML 32Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 29 of 32
Clock Timing Specifications
Ordering Information
Ordering Code Definitions
CLK
CLOCK TIMING
trise
tfall
thigh
tclk
tlow
Clock Timing
Parameter
Description
Min
Typ
Max
tCLK
Clock Period (48 MHz)
20.0 ns
20.8 ns
tHIGH
Clock HIGH Time
9 ns
11 ns
tLOW
Clock LOW Time
9 ns
11 ns
tRISE
Clock Rise Time
5.0 ns
tFALL
Clock Fall Time
5.0 ns
Clock Duty Cycle
45%
55%
Part Number
Package Type
SL811HST-AXC
48-pin Pb-free
–
SL811
HST
A
X
-C
Temperature range:
C = Commercial
X = Pb-free
Package Type: TQFP
Host/slave
Part number
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com