Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC9997 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC9997
Description  1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9997 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC9997 Datasheet HTML 1Page - Sanyo Semicon Device LC9997 Datasheet HTML 2Page - Sanyo Semicon Device LC9997 Datasheet HTML 3Page - Sanyo Semicon Device LC9997 Datasheet HTML 4Page - Sanyo Semicon Device LC9997 Datasheet HTML 5Page - Sanyo Semicon Device LC9997 Datasheet HTML 6Page - Sanyo Semicon Device LC9997 Datasheet HTML 7Page - Sanyo Semicon Device LC9997 Datasheet HTML 8Page - Sanyo Semicon Device LC9997 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pin Assignment
No. 5783-4/11
LC9997M
Pin Functions
Pin No.
Symbol
Function
Pin No.
Symbol
Function
1
NSUB
N substrate
20
NSUB
N substrate
2
WPW
P-well
19
φ S4
3
φ 4
18
φ S1
Storage area clocks
4
φ 3
Imaging area clock
17
φ S2
5
φ 2
16
φ S3
6
φ 1
15
φ H1
Horizontal block clocks
7
φ R
Reset gate
14
φ H2
8
VDD
Supply voltage
13
VOG
CCD output gate
9
VOUT
CCD output
12
VGG
Load gate
10
NSUB
N substrate
11
NSUB
N substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com