Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC9997 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC9997
Description  1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9997 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC9997 Datasheet HTML 3Page - Sanyo Semicon Device LC9997 Datasheet HTML 4Page - Sanyo Semicon Device LC9997 Datasheet HTML 5Page - Sanyo Semicon Device LC9997 Datasheet HTML 6Page - Sanyo Semicon Device LC9997 Datasheet HTML 7Page - Sanyo Semicon Device LC9997 Datasheet HTML 8Page - Sanyo Semicon Device LC9997 Datasheet HTML 9Page - Sanyo Semicon Device LC9997 Datasheet HTML 10Page - Sanyo Semicon Device LC9997 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Test Methods
The following tests are to be performed using the evaluation unit made by Sanyo Electric Co., Ltd.
1. Sensitivity
Using the CCD-SY1 light source (made by Wakasa Optical Co., Ltd.) illuminate the pixel surface with an intensity of
7 lux. Measure the CCD outputs (G, Ye, Cy, and W) at the center of the screen in that state with the T8331 tester
(made by Advantest, Inc.). The sensitivity is the average value for four pixels.
Use the following formulas to determined the R and G gains.
R = E – D
B = A – C
G = (C+D)/2
GR = G/R
GB = G/B
2.Image signal uniformity
Measure the uniformity under the following conditions
• The standard drive state (See the specifications document.)
• Using a halogen lamp with a color temperature of 3200 °K as the light source
• Using an IR cutting filter (C-500, 1mmt)
Illuminate the CCD surface with an intensity of 7 lux. Divide the surface of the CCD into 45 sections as shown in the
figure and measure the average value for each block. Determine the maximum, minimum, and mean of those
measurements, and determine the ratio of the difference with respect to the block average.
<Maximum of the block averages> – <Minimum of the block averages>
VF = ——————————————————————————————
<Mean of the block averages>
3. Saturation signal
Set up the following conditions using the Sanyo evaluation unit.
• The standard drive state (See the specifications document.)
• Light source: The LV-2001 pattern box (made by Kyoritsu Electronics, intensity: 870 NITS, color temperature:
3100 °K)
• Lens: HF 16A (made by Fujinon) with the aperture fully open.
Measure the CCD output signal from the center of the screen under these conditions.
4. Smear
• Place the 1/10-V chart described below in front of the halogen light source and image it.
• Using neutral density filters, adjust the incident illumination such that the CCD output signal at point A becomes
250 mV.
• Remove the neutral density filters and measure the value of the CCD output signal for the first line (i.e. at point B).
No. 5783-7/11
LC9997M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com