Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC281 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC281
Description  Low-Cost IttyBitty??Thermal Sensor IttyBitty
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC281 Datasheet HTML 1Page - Micrel Semiconductor MIC281 Datasheet HTML 2Page - Micrel Semiconductor MIC281 Datasheet HTML 3Page - Micrel Semiconductor MIC281 Datasheet HTML 4Page - Micrel Semiconductor MIC281 Datasheet HTML 5Page - Micrel Semiconductor MIC281 Datasheet HTML 6Page - Micrel Semiconductor MIC281 Datasheet HTML 7Page - Micrel Semiconductor MIC281 Datasheet HTML 8Page - Micrel Semiconductor MIC281 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC281
Micrel
MIC281
2
November 2004
Pin Configuration
1
VDD
GND
T1
6
5
NC
DATA
CLK
4
2
3
SOT23-6
Pin Description
Pin
Pin Name
Pin Description
1
VDD
Analog Input: Power supply input to the IC.
2
GND
Ground return for all IC functions.
3
T1
Analog Input: Connection to remote diode junction.
4
CLK
Digital Input: Serial bit clock input.
5
DATA
Digital I/O: Open-drain. Serial data input/output.
6
NC
No Connection: Must be left unconnected.
Ordering Information
Part Number
Slave Address Ambient Temp. Range
Package
Standard
Marking Pb-FREE
Marking
MIC281-0BM6* TB00
MIC281-0YM6* TB00
1001 000xb
-55°C to +125°C
SOT23-6
MIC281-1BM6* TB01
MIC281-1YM6* TB01
1001 001xb
-55°C to +125°C
SOT23-6
MIC281-2BM6* TB02
MIC281-2YM6* TB02
1001 010xb
-55°C to +125°C
SOT23-6
MIC281-3BM6* TB03
MIC281-3YM6* TB03
1001 011xb
-55°C to +125°C
SOT23-6
MIC281-4BM6 TB04
MIC281-4YM6
TB05
1001 100xb
-55°C to +125°C
SOT23-6
MIC281-5BM6* TB05
MIC281-5YM6* TB05
1001 101xb
-55°C to +125°C
SOT23-6
MIC281-6BM6* TB06
MIC281-6YM6* TB06
1001 110xb
-55°C to +125°C
SOT23-6
MIC281-7BM6* TB07
MIC281-7YM6* TB07
1001 111xb
-55°C to +125°C
SOT23-6
* Contact Micrel regarding availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com