Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC281 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC281
Description  Low-Cost IttyBitty??Thermal Sensor IttyBitty
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC281 Datasheet HTML 1Page - Micrel Semiconductor MIC281 Datasheet HTML 2Page - Micrel Semiconductor MIC281 Datasheet HTML 3Page - Micrel Semiconductor MIC281 Datasheet HTML 4Page - Micrel Semiconductor MIC281 Datasheet HTML 5Page - Micrel Semiconductor MIC281 Datasheet HTML 6Page - Micrel Semiconductor MIC281 Datasheet HTML 7Page - Micrel Semiconductor MIC281 Datasheet HTML 8Page - Micrel Semiconductor MIC281 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC281
Micrel
MIC281
4
November 2004
Symbol
Parameter
Condition
Min
Typ
Max
Units
Serial Clock Input, CLK
VIL
Low Input Voltage
3.0V ≤ VDD ≤ 3.6V
0.8
V
VIH
High Input Voltage
3.0V ≤ VDD ≤ 3.6V
2.1
5.5
V
CIN
Input Capacitance,
Note 5
10
pF
ILEAK
Input current
±1
µA
Serial Interface Timing
t1
CLK (clock) period
2.5
µs
t2
Data in Setup Time to CLK High
100
ns
t3
Data Out Stable After CLK Low
300
ns
t4
DATA Low Setup Time to CLK Low
Start Condition
100
ns
t5
DATA High Hold Time After CLK High Stop Condition
100
ns
tTO
Bus timeout
25
30
35
ms
Note 1. The device is not guaranteed to function outside its operating range.
Note 2. Final test on outgoing product is performed at TA = 25°C.
Note 3. TD is the temperature of the remote diode junction. Testing is performed using a single unit of one of the transistors listed in Table 5.
Note 4. Current into the DATA pin will result in self-heating of the device. Sink current should be minimized for best accuracy.
Note 5. Guaranteed by design over the operating temperature range. Not 100% production tested.
Note 6. Accuracy specifications do not include quantization noise which may be up to ± 0.5LSB.
Note 7. Devices are ESD sensitive. Observe appropriate handling precautions.
Timing Diagram
t1
t2
t5
t4
t3
SCL
SDA
DATA INPUT
SDA
DATA OUTPUT
Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com