Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4225 Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC4225
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4225 Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC4225 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 10Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
6
M9999-061109-A
(408) 944-0800
Conditions: TA = 25ºC.
IDD vs. Frequency (VDD = 12V)
Both Drivers Switching
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
Frequency (kHz)
IDD vs. VDD (CL = 2.2nF)
Both Drivers Switching
0
2
4
6
8
10
12
14
16
18
20
4
6
8
10
12
141618
VDD (V)
IDD vs. VDD (CL = 2.2nF)
Both Drivers Switching
0
20
40
60
80
100
120
4
6
8
10
12141618
VDD (V)
IDD vs. VDD (CL = 4.7nF)
Both Drivers Switching
0
5
10
15
20
25
30
35
40
4
6
8
10
12141618
VDD (V)
IDD vs. VDD (CL = 4.7nF)
Both Drivers Switching
0
20
40
60
80
100
120
140
160
4
6
8
10
12
14
16
18
VDD (V)
Output Rise Time vs. VDD
0
2
4
6
8
10
12
4
6
8
1012
14
1618
VDD (V)
Output Rise Time vs. VDD
0
5
10
15
20
25
30
35
40
4
6
8
10
12141618
VDD (V)
Output Fall Time vs. VDD
0
2
4
6
8
10
12
14
16
18
4
6
8
10
12
14
16
18
20
VDD (V)
Output Fall Time vs. VDD
0
5
10
15
20
25
30
35
40
45
50
4
6
8
101214
16
18
VDD (V)
Propagation Delay (tD1)
vs. VDD
0
5
10
15
20
25
30
4
6
8
10
12141618
VDD (V)
Propagation Delay (tD1)
vs. VDD
0
5
10
15
20
25
30
35
4
6
8
10
12
14
16
18
VDD (V)
Propagation Delay (tD2)
vs. VDD
0
5
10
15
20
25
30
4
6
8
10
12141618
VDD (V)
4.7nF
10nF
4.7nF
10nF
2.2nF
1nF
470pF
200kHz
100kHz
50kHz
500kHz
1MHz
2MHz
200kHz
100kHz
50kHz
2MHz
1MHz
500kHz
1nF
470pF
10nF
4.7nF
470pF
1nF
2.2nF
10nF
4.7nF
2.2nF
470pF
1nF
2.2nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com