Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4225 Datasheet(PDF) 14 Page - MIC GROUP RECTIFIERS

Part # MIC4225
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4225 Datasheet(HTML) 14 Page - MIC GROUP RECTIFIERS

Back Button MIC4225 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 15Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 16Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 17Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 18Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
14
M9999-061109-A
(408) 944-0800
Bill of Materials (SOIC)
Item
Part Number
Manufacturer
Description
Qty.
C1
VJ0603Y104KXXAT
Vishay
(1)
0.1µF/25V, X7R Ceramic Capacitor, Size 0603
1
C1608X5R1E105M
TDK
(2)
1µF/25V, X5R, Ceramic Capacitor, Size 0603
2
06033D105MAT
AVX
(3)
1µF/25V, X5R, Ceramic Capacitor, Size 0603
2
C2, C7
or
or
GRM188R61E105KA93
MuRata
(4)
1µF/25V, X5R, Ceramic Capacitor, Size 0603
2
C3216X7R1E105K
TDK
(2)
1µF/25V, X7R, Ceramic Capacitor, Size 1206
2
12063D105MAT
AVX
(3)
1µF/25V, X7R, Ceramic Capacitor, Size 1206
2
C4, C5
or
or
GRM31MR71H105KA01
MuRata
(4)
1µF/25V, X7R, Ceramic Capacitor, Size 1206
2
Q1, Q2
Si4174DY
Vishay
(1)
30V N-Channel MOSFET
2
C3,
R4,
C6,
R9,
R1,
R2,
R6, R8
Open location – Size 0603
0
R5, R7
CRCW12061001FRT1
Vishay
(1)
1k
Ω Resistor, Size 1206
2
U1
MIC4223YM
Micrel, Inc.
(5)
Dual Inverting 4A MOSFET Driver with SOIC Package
1
or
MIC4224YM
Micrel, Inc.
(5)
Dual Non-Inverting 4A MOSFET Driver with SOIC Package
1
or
MIC4225YM
Micrel, Inc.
(5)
Dual Inverting/Non-Inverting 4A MOSFET Driver with SOIC
Package
1
Notes:
1. Vishay: www.vishay.com
2. TDK: www.tdk.com
3. AVX: www.avx.com
4. MuRata: www.murata.com
5. Micrel, Inc: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com