Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN280N07 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN280N07
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN280N07 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN280N07_08 Datasheet HTML 1Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 2Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 3Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS Corporation, All rights reserved
DS98555C(4/08)
V
DSS
= 70V
I
D25
= 280A
R
DS(on) ≤
≤≤≤≤ 5mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250ns
N-Channel Enhancement Mode
Avalanche Rated
High dV/dt, Low t
rr
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
70
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
70
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
280
A
I
L(RMS)
Terminal current limit
100
A
I
DM
T
C = 25°C, pulse width limited by TJM
1120
A
I
AR
T
C = 25°C
180
A
E
AR
T
C = 25°C
60
mJ
E
AS
T
C = 25°C
3
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
20
V/ns
P
D
T
C = 25°C
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
V
ISOL
50/60Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminal connection torque
1.3/ 11.5
Nm/lb.in.
Weight
30
g
IXFN280N07
G
D
S
S
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
Either Source terminal S can be used as the
Source terminal or the Kelvin Source (gate
return) terminal.
Features
International standard package
miniBLOC with Aluminium nitride
isolation
Low
R
DS(on) HDMOS
TM process
Rugged polysilicon gate cell structure
Unclamped inductive switching (UIS)
rated
Low package inductance
Fast intrinsic Rectifier
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
70
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.0
4.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±200
nA
I
DSS
V
DS = VDSS
100
μA
V
GS = 0V
T
J = 125°C
2
mA
R
DS(on)
V
GS = 10V, ID = 120A, Note 1
5
m
Ω
HiPerFETTM
Power MOSFETs
Single Die MOSFET
Applications
DC-DC converters
Synchronous rectification
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
Temperature and lighting controls
Low voltage relays


Similar Part No. - IXFN280N07_08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN280N07 IXYS-IXFN280N07 Datasheet
102Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
More results

Similar Description - IXFN280N07_08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN340N06 IXYS-IXFN340N06 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN280N07 IXYS-IXFN280N07 Datasheet
102Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN34N100 IXYS-IXFN34N100 Datasheet
101Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN75N50 IXYS-IXFN75N50 Datasheet
126Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN39N90 IXYS-IXFN39N90 Datasheet
125Kb / 4P
HiPerFET Power MOSFETs Single MOSFET Die
IXFN60N60 IXYS-IXFN60N60 Datasheet
71Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN130N30 IXYS-IXFN130N30 Datasheet
162Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFL44N60 IXYS-IXFL44N60 Datasheet
532Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN48N55 IXYS-IXFN48N55 Datasheet
77Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N50 IXYS-IXFN80N50 Datasheet
577Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com