Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN280N07 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN280N07
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN280N07 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN280N07_08 Datasheet HTML 1Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 2Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 3Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN280N07
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS = 15V, ID = 60A , Note 1
47
78
S
C
iss
11.5
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
4800
pF
C
rss
2650
pF
R
Gi
Gate input resistance
0.74
Ω
t
d(on)
40
ns
t
r
90
ns
t
d(off)
85
ns
t
f
50
ns
Q
g(on)
360
nC
Q
gs
V
GS = 10V, VDS = 35V, ID = 100A
60
nC
Q
gd
182
nC
R
thJC
0.22
°C/W
R
thCS
0.05
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
280
A
I
SM
Repetitive, pulse width limited by T
JM
1120
A
V
SD
I
F = 100A, VGS = 0V, Note 1
1.3
V
t
rr
250
ns
Q
RM
1.2
μC
I
RM
10
A
Note 1: Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
SOT-227B Outline
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
I
F = 50A, -di/dt = 100A/μs, VR= 50V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 90A
R
G
= 1
Ω (External)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com