Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM4000 Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM4000
Description  2.0-18.0 GHz GaAs MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM4000 Datasheet(HTML) 1 Page - Mimix Broadband

  CMM4000_09 Datasheet HTML 1Page - Mimix Broadband CMM4000_09 Datasheet HTML 2Page - Mimix Broadband CMM4000_09 Datasheet HTML 3Page - Mimix Broadband CMM4000_09 Datasheet HTML 4Page - Mimix Broadband CMM4000_09 Datasheet HTML 5Page - Mimix Broadband CMM4000_09 Datasheet HTML 6Page - Mimix Broadband CMM4000_09 Datasheet HTML 7Page - Mimix Broadband CMM4000_09 Datasheet HTML 8Page - Mimix Broadband CMM4000_09 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.0-18.0 GHz GaAs MMIC
Buffer Amplifier
Page 1 of 9
Features
Self Bias Architecture
On-Chip Drain Bias Coil/DC Blocking
8.5 dB Small Signal Gain
4.5 dB Noise Figure
+19.0 dBm P1dB Compression Point
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBm
dBm
VDC
mA
Min.
2.0
7.0
10.0
7.0
-
-
-
17.0
-
-
+4.5
100
Typ.
-
12.0
15.0
8.5
+/-0.5
25.0
4.5
+19.0
+39.0
+29.0
+5.0
115
Max.
18.0
-
-
-
-
-
7.5
-
-
-
+7.0
130
Supply Voltage (Vd)
Supply Current (Id)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)1
+8.5 VDC
175 mA
+20 dBm
-65 to +165 ºC
-55 to +85 ºC
+175 ºC
Chip Device Layout
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Mimix Broadband’s 2.0-18.0 GHz GaAs MMIC
distributed low noise amplifier has a small signal gain
of 8.5 dB with a noise figure of 4.5 dB across the band.
This MMIC uses Mimix Broadband’s GaAs PHEMT device
model technology, and is based upon optical beam
lithography to ensure high repeatability and uniformity.
The chip has surface passivation to protect and provide
a rugged part with backside via holes and gold
metallization to allow either a conductive epoxy or
eutectic solder die attach process. This device is well
suited for fiber optic, microwave radio, military, space,
telecom infrastructure, test instrumentation and VSAT
applications.
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Absolute Maximum Ratings
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Noise Figure (NF)
Output Power for 1 dB Compression (P1dB)
Output Second Order Intercept Point (OIP2)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (Vd)
Supply Current (Id) (Vd=5.0V)
CMM4000-BD
September 2009 - Rev 21-Sep-09
100% on-wafer DC testing and 100% RF wafer qualification. Wafer qualification includes sample testing from each quadrant
with an 80% pass rate required.


Similar Part No. - CMM4000_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM4000-BD ETC1-CMM4000-BD Datasheet
178Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
193Kb / 7P
2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM4000-BD-000V MIMIX-CMM4000-BD-000V Datasheet
193Kb / 7P
2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM4000-BD-000X MIMIX-CMM4000-BD-000X Datasheet
177Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - CMM4000_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM4000 ETC1-CMM4000 Datasheet
178Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM1110-BD_0705 MIMIX-CMM1110-BD_0705 Datasheet
251Kb / 6P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_10 Datasheet
1Mb / 9P
2.0-18.0 GHz GaAs MMIC
CMM1100-QF MIMIX-CMM1100-QF_09 Datasheet
341Kb / 8P
2.0-18.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com