Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP76-010T Datasheet(PDF) 2 Page - IXYS Corporation

Part # FMP76-010T
Description  Trench P & N-Channel Power MOSFET Common Drain Topology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMP76-010T Datasheet(HTML) 2 Page - IXYS Corporation

  FMP76-010T Datasheet HTML 1Page - IXYS Corporation FMP76-010T Datasheet HTML 2Page - IXYS Corporation FMP76-010T Datasheet HTML 3Page - IXYS Corporation FMP76-010T Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
FMP76-010T
ISOPLUS i4-PakTM Outline
Ref: IXYS CO 0077 R0
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions2
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250 μA
- 100
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.0
- 4.0
V
I
GSS
V
GS = ±20 V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS = 0V
-15
μA
T
J = 125°C
- 750
μA
R
DS(on)
V
GS = -10V, ID = - 38A, Note 1
24 m
Ω
g
fs
V
DS = -10V, ID = - 38A, Note 1
35
58
S
C
iss
13.7
nF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
890
pF
C
rss
275
pF
t
d(on)
Resistive Switching Times
25
ns
t
r
V
GS = -10V, VDS = 0.5
V
DSS, ID = - 38A
40
ns
t
d(off)
R
G = 1Ω (External)
52
ns
t
f
20
ns
Q
g(on)
197
nC
Q
gs
V
GS= -10V, VDS = 0.5
V
DSS, ID = - 38A
65
nC
Q
gd
65
nC
R
thJC
0.95
°C/W
R
thCS
0.15
°C/W
Drain-Source Diode
Characteristic Values
(T
J = 25°C unless otherwise specified)
Symbol
Test Conditions2
Min.
Typ.
Max.
I
S
V
GS = 0V
- 54
A
I
SM
Repetitive, pulse width limited by T
JM
- 304
A
V
SD
I
F = - 38A, VGS = 0V, Note 1
- 1.3
V
t
rr
I
F = - 38A, di/dt = 100A/μs
70
ns
Q
RM
V
R = - 50V, VGS = 0V
215
nC
I
RM
- 6
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com