Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP76-010T Datasheet(PDF) 3 Page - IXYS Corporation

Part # FMP76-010T
Description  Trench P & N-Channel Power MOSFET Common Drain Topology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMP76-010T Datasheet(HTML) 3 Page - IXYS Corporation

  FMP76-010T Datasheet HTML 1Page - IXYS Corporation FMP76-010T Datasheet HTML 2Page - IXYS Corporation FMP76-010T Datasheet HTML 3Page - IXYS Corporation FMP76-010T Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
FMP76-010T
N - CHANNEL
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
100
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
100
V
V
GSM
Transient
± 20
V
I
D25
T
C = 25°C
62
A
I
DM
T
C = 25°C, pulse width limited by TJM
300
A
I
A
T
C = 25°C
65
A
E
AS
T
C = 25°C
500
mJ
P
D
T
C = 25°C
89
W
Symbol
Test Conditions2
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250 μA
100
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ±20 V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10V, ID = 25A, (Note 1)
11 m
Ω
g
fs
V
DS = 10V, ID = 60A, (Note 1)
55
93
S
C
iss
5080
pF
C
oss
V
GS = 0V, VDS = 25 V, f = 1 MHz
635
pF
C
rss
95
pF
t
d(on)
Resistive Switching Times
30
ns
t
r
V
GS = 10V, VDS = 0.5
V
DSS, ID = 25A
47
ns
t
d(off)
R
G = 5Ω (External)
44
ns
t
f
28
ns
Q
g(on)
104
nC
Q
gs
V
GS= 10V, VDS = 0.5
V
DSS, ID = 25A
30
nC
Q
gd
29
nC
R
thJC
1.4
°C/W
R
thCS
0.15
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com